Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 24Page - Cirrus Logic CS43131 Datasheet HTML 25Page - Cirrus Logic CS43131 Datasheet HTML 26Page - Cirrus Logic CS43131 Datasheet HTML 27Page - Cirrus Logic CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 156 page
background image
28
DS1155F1
CS43131
4 Functional Description
4 Functional Description
This section describes the general theory of operation of the CS43131, tracing the signal and control flow through the
various blocks within the device. It comprises the following sections:
• Section 4.1, “Overview”
• Section 4.2, “Analog Outputs”
• Section 4.3, “Class H Amplifier Output”
• Section 4.4, “Alternate Headphone Inputs”
• Section 4.5, “Headphone Presence Detect and Output Load Detection”
• Section 4.6, “Clocking Architecture”
• Section 4.7, “Clock Output and Fractional-N PLL”
• Section 4.8, “Filtering Options”
• Section 4.9, “Audio Serial Port (ASP)”
• Section 4.10, “DSD Interface”
• Section 4.11, “DSD and PCM Mixing”
• Section 4.12, “Standard Interrupts”
• Section 4.13, “Control Port Operation”
• Section 4.14, “Programmable Filter”
4.1 Overview
4.1.1
Analog Outputs
The analog output block includes separate pseudodifferential headphone Class H amplifiers output. An on-chip inverting
charge pump creates a positive and negative voltage equal to the input, allowing an adaptable, full-scale output swing
centered around ground. The resulting internal amplifier supply can be ±VCP, or ±VP_LDO (either ±3.0 V with HV_EN = 1
or ±2.6 V with HV_EN = 0).
The inverting architecture eliminates the need for large DC-blocking capacitors and allows the amplifier to deliver more
power to HP loads at lower supply voltages. This adaptive power supply scheme converts traditional Class AB amplifiers
into more power-efficient Class H amplifiers.
4.1.2
Alternate Headphone Inputs
The alternate headphone inputs provide an integrated selectable path to interface between the system codec output and
the headphone connector, which allows for lower-power operation in applications such as voice or compressed music
playback. These inputs eliminate the need for an external audio switch and prevent the high-fidelity headphone outputs of
CS43131 from degradation by the external audio switch.
4.1.3
Headphone Detection
The CS43131 detects the presence of a headphone and notifies the application processor to wake up through an interrupt
event.
4.1.4
Headphone Impedance Measurement
The CS43131 detects headphone impedance information at low frequencies, which can be used to adjust the system
properly to accommodate different load conditions. One example is to adjust signal chain gain to avoid distortion.
The CS43131 also provides impedance measurement functions to evaluate the headphone load within 20 Hz to 20 kHz.
A specific frequency is selected and the impedance measurement process is initiated by setting the register. Through a
series of interrupt events, the CS43131 notifies application processor to retrieve the impedance information after
completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com