Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 49Page - Cirrus Logic CS43131 Datasheet HTML 50Page - Cirrus Logic CS43131 Datasheet HTML 51Page - Cirrus Logic CS43131 Datasheet HTML 52Page - Cirrus Logic CS43131 Datasheet HTML 53Page - Cirrus Logic CS43131 Datasheet HTML 54Page - Cirrus Logic CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
DS1155F1
53
CS43131
4.9 Audio Serial Port (ASP)
• If xSP_STP = 0, the frame begins when LRCK/FSYNC transitions from high to low. See Fig. 4-26 for an example
in 50/50 mode. The TDM Mode behaves similarly.
Figure 4-26. Example 50/50 Mode (ASP_STP = 0)
• If xSP_STP = 1, the frame begins when LRCK/FSYNC transitions from low to high. See Fig. 4-27 for an example
in 50/50 mode. TDM mode is similar.
Figure 4-27. Example 50/50 Mode (ASP_STP = 1)
4.9.8
50/50 Mode
In typical two-channel I2S operation (50/50 Mode, xSP_5050 = 1), the LRCK duty cycle is 50%, and each channel is
transferred during one of the two LRCK phases. In this mode, each serial port channel can be independently programmed
to output when LRCK/FSYNC is high or low; this is called the channel-active phase.
If the active-phase control bit (xSP_RX_CHn_AP) is set, the respective channel is output when LRCK/FSYNC is high. If
xSP_RX_CHn_AP is cleared, the respective channel is output if LRCK/FSYNC is low. Examples of each setting of xSP_
RX_CHn_AP are shown in Fig. 4-26 and Fig. 4-27.
In 50/50 Mode, the channel location (see Section 4.9.6) is calculated within the channel-active phase. If there are N bits
in a frame, the location of the last bit of each active phase is equal to (N/2) – 1.
Note: If xSP_5050 is set, xSP_LCHI must be programmed to half of xSP_LCPR for a 50% duty cycle. Also, only two
channels can be enabled for the corresponding serial port.
LRCK
...
...
xSP_STP = 0
SCLK
...
...
Channel y
Channel z
xSP_CHy_LOC = 0,
xSP_CHy_AP = 0
xSP_CHz_LOC = 0,
xSP_CHz_AP = 1
SDIN
Note: This diagram assumes xSP _FSD = 0.
Channel location index
(xSP_CHy_LOC ,
xSP_CHz_LOC)
0
1
2
N/2
-1
N/2
-2
N/2
-3
...
0
1
2
N/2
-1
N/2
-2
N/2
-3
...
Next
Sample
Previous
Sample
LRCK
SCLK
...
...
Next
Sample
Previous
Sample
SDIN
...
...
xSP_STP = 1
Channel location index
(xSP_CHy_LOC ,
xSP_CHz_LOC)
0
1
2
N/2
-1
N/2
-2
N/2
-3
...
0
1
2
N/2
-1
N/2
-2
N/2
-3
...
Channel z
xSP_CHz_LOC = 0,
xSP_CHz_AP = 1
Channel y
xSP_CHy_LOC = 0,
xSP_CHy_AP = 0
Note: This diagram assumes xSP_FSD = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com