Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic CS43131 Datasheet HTML 65Page - Cirrus Logic CS43131 Datasheet HTML 66Page - Cirrus Logic CS43131 Datasheet HTML 67Page - Cirrus Logic CS43131 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 156 page
background image
64
DS1155F1
CS43131
5.4 Alert Mixing Shutdown
2. Power up and verify communication with CS43131. If there is no communication, it is possible that the crystal did
not start. Check power rails and load capacitance and try again.
3. Clear PDN_CLKOUT in the Power Down Control (0x20000) register. This sets the clock output at MCLK_INT/2
frequency from CLKOUT pin.
4. Measure the frequency and verify that it is within acceptable range of the desired frequency. If yes, continue
normal operation. If not, power down the chip, change the load capacitor values and go back to step 2.
Note: These steps need to be performed only once per PCB.
5.4 Alert Mixing Shutdown
To prevent a DSD mute pattern from turning off the DAC while mixing DSD data with PCM data, turn off the auto mute by
clearing the DSD_AMUTE bit.
5.5 Enable/Disable Alternate Headphone Path (HPINx)
If the user decides to use the HPINx path, the following sequences must be followed to enable/disable the alternate
headphone path (HPINx).
5.5.1
HPINx Alternate Headphone Path Enable Sequence
To enable the HPINx path, follow the sequence in Ex. 5-1.
5.5.2
HPINx Disable Sequence
To disable the HPINx path, follow the sequence in Ex. 5-2. For pop-free operation, the audio input must be completely
ramped down before executing this sequence.
Example 5-1. HPINx Enable Sequence
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
Enable headphone input
HP Output Control 1. 0x80000
0x38
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
HP_IN_LP
Reserved
+1dB_EN
0
0
11
1
0
0
0
Function disabled
Function disabled
Headphone output voltage setting is irrelevant
Enable HPIN switch
Function disabled
Wait for 1.1 ms.
Enable low power mode
HP Output Control 1. 0x80000
0x3C
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
HP_IN_LP
Reserved
+1dB_EN
0
0
11
1
1
0
0
Function disabled
Function disabled
Headphone output voltage setting is irrelevant
Enable HPIN switch
Function enabled
Example 5-2. HPINx Disable
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
Disable HPINx low power
mode
HP Output Control 1. 0x80000
0x38
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
HP_IN_LP
Reserved
+1dB_EN
0
0
11
1
0
0
0
Function disabled
Function disabled
Headphone output voltage setting is irrelevant
Enable HPIN switch
Function disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com