Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 52Page - Cirrus Logic CS43131 Datasheet HTML 53Page - Cirrus Logic CS43131 Datasheet HTML 54Page - Cirrus Logic CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 156 page
background image
56
DS1155F1
CS43131
4.10 DSD Interface
The DSD_EN bit, when set, is used to configure the device for processing DSD sources. DSD_PRC_SRC configures the
DSD interface used for feeding into the DSD processor. DSD_SPEED specifies if a 64•Fs, 128•Fs, or 256•Fs DSD stream
is provided. If PDN_DSDIF = 0 and DSD_M/SB = 1, DSD_SPEED determines the DSDCLK clock frequency generated.
When configuring the DSD interface, follow these steps:
1. Configure the DSD_M/SB, DSD_SPEED, DSD_PRC_SRC, and XSP_3ST.
2. Release PDN_DSDIF.
3. Enable DSD_EN.
The DSD_PM_EN bit selects phase modulation (data plus data inverted) as the style of data input. In this mode, the DSD_
PM_SEL bit selects whether a 2x or 1x data rate clock is used for phase-modulated data (see Fig. 4-29). Use of phase
modulation mode may not directly affect the performance of the CS43131, but may lower the sensitivity of other
board-level components to the DSD data signals. Note that phase modulation mode is supported only for DSD 64•Fs and
DSD 128•Fs data rates. If the 2x data rate mode is used, DSD_INV_B and DSD_INV_A need to be set before the mode
is enabled. After the 2x data rate mode is disabled, DSD_INV_B and DSD_INV_A need to be cleared appropriately.
The CS43131 can detect overmodulation errors in the DSD data that do not comply to the SACD specification. Setting
INV_DSD_DET enables detection of overmodulation errors. This condition is reported through the DSD_INVAL_A_INT
and DSD_INVAL_B_INT status bits. Overmodulated DSD data is converted as received without intervention, but
performance at these levels cannot be guaranteed. Setting STA_DSD_DET allows the CS43131 to mute a DSD stream
that is stuck at 1 or 0. This condition is reported through the DSD_STUCK_INT status bit. See Section 7.6.5 for
descriptions of the DSD error reporting bits.
More information for these register bits can be found in Section 7.
The DSD input structure and analog outputs are designed to handle a nominal 0 dB-SACD (50% modulation index) at
full-rated performance. When 0 dB-SACD and 0 dBFS PCM need to be level matched, DSD_ZERODB must be set. In this
mode, signals of +3-dB SACD may be applied for brief periods of time; however, performance at these levels is not
guaranteed. If sustained levels approaching +3-dB SACD levels are required, DSD_ZERODB must be cleared, which
matches a +3-dB SACD output level.
Figure 4-29. DSD Phase Modulation Mode Diagram
DSDA,
DSDB
D1
D0
D2
DSDCLK
DSD Normal Mode
(128•Fs
or
256•Fs)
D1
D1
D2
D0
DSDCLK =
BCKD
DSDA,
DSDB
(64•Fs
or
128•Fs)
DSD Phase
Modulation Mode
(64•Fs,
128•Fs, or
256•Fs)
DSDCLK =
BCKA
(DSD_PM_EN = 0)
(DSD_PM_EN = 1)
(DSD_PM_SEL = 0)
(DSD_PM_SEL = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com