Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 70Page - Cirrus Logic CS43131 Datasheet HTML 71Page - Cirrus Logic CS43131 Datasheet HTML 72Page - Cirrus Logic CS43131 Datasheet HTML 73Page - Cirrus Logic CS43131 Datasheet HTML 74Page - Cirrus Logic CS43131 Datasheet HTML 75Page - Cirrus Logic CS43131 Datasheet HTML 76Page - Cirrus Logic CS43131 Datasheet HTML 77Page - Cirrus Logic CS43131 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
74
DS1155F1
CS43131
5.13 Example Sequences
5.13 Example Sequences
This section provides recommended instruction sequences for standard CS43131 operations.
5.13.1 Power-up Sequence to I2S Playback
In Ex. 5-7, a 22.5792-MHz crystal is used, ASP is set to I2S master at 44.1 kHz, and full-scale output is 1.732 Vrms.
Example 5-7. Startup to I2S Playback
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Apply all relevant power supplies, then assert RESET.
2
Wait for 1.5 ms.
3
Configure XTAL driver
4
Configure XTAL bias
current strength (assuming
River Crystal at
22.5792 MHz)
Crystal Setting. 0x20052
0x04
Reserved
XTAL_IBIAS
0000 0
100
Bias current set to 12.5 µA
5
Read Interrupt Status 1 register (0xF0000) to clear any pending interrupts.
6
Enable XTAL interrupts
Interrupt Mask 1. 0xF0010
0xE7
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
1
1
0
0
1
1
1
Enable XTAL_READY interrupt
Enable XTAL_ERROR interrupt
7
Start XTAL
Power Down Control. 0x20000
0xF6
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
1
1
1
1
0
1
1
0
Power up XTAL driver
8
Configure ASP interface. Sample rate set to 44.1 kHz. ASP is clock master.
9
Set ASP sample rate
Serial Port Sample Rate. 0x1000B
0x01
Reserved
ASP_SPRATE
0000
0001
Set sample rate to 44.1 kHz
10 Set ASP sample bit size.
XSP is don't care
Serial Port Sample Bit Size. 0x1000C
0x04
Reserved
XSP_SPSIZE
ASP_SPSIZE
0000
01
00
XSP sample bit size set to 24 bits
ASP sample bit size set to 32 bits
11 Set ASP numerator
ASP Numerator 1. 0x40010
0x01
ASP_N_LSB
0x01
LSB of ASP sample rate fractional divide numerator
ASP Numerator 2. 0x40011
0x00
ASP_N_MSB
0x00
MSB of ASP sample rate fractional divide numerator
12 Set ASP denominator
ASP Denominator 1. 0x40012
0x08
ASP_M_LSB
0x08
LSB of ASP sample rate fractional divide denominator
ASP Denominator 2. 0x40013
0x00
ASP_M_MSB
0x00
MSB of ASP sample rate fractional divide denominator
13 Set ASP LRCK high time ASP LRCK High Time 1. 0x40014
0x1F
ASP_LCHI_LSB
0x1F
LSB of ASP LRCK high time duration
ASP LRCK High Time 2. 0x40015
0x00
ASP_LCHI_MSB
0x00
MSB of ASP LRCK high time duration
14 Set ASP LRCK period
ASP LRCK Period 1. 0x40016
0x3F
ASP_LCPR_LSB
0x3F
LSB of ASP LRCK period
ASP LRCK Period 2. 0x40017
0x00
ASP_LCPR_MSB
0x00
MSB of ASP LRCK period
15 Configure ASP clock
ASP Clock Configuration. 0x40018
0x1C
Reserved
ASP_M/SB
ASP_SCPOL_OUT
ASP_SCPOL_IN
ASP_LCPOL_OUT
ASP_LCPOL_IN
000
1
1
1
0
0
Set ASP port to be master
Configure clock polarity for I2S input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com