Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 74Page - Cirrus Logic CS43131 Datasheet HTML 75Page - Cirrus Logic CS43131 Datasheet HTML 76Page - Cirrus Logic CS43131 Datasheet HTML 77Page - Cirrus Logic CS43131 Datasheet HTML 78Page - Cirrus Logic CS43131 Datasheet HTML 79Page - Cirrus Logic CS43131 Datasheet HTML 80Page - Cirrus Logic CS43131 Datasheet HTML 81Page - Cirrus Logic CS43131 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 156 page
background image
78
DS1155F1
CS43131
5.13 Example Sequences
23 Configure DSD path Signal
Control 2
DSD Processor Path Signal Control 2.
0x70004
0x13
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
00
1
0
0
1
1
Set source of DSD processor to DSDIF
Enable DSD playback
Set DSD clock speed to 64•FS
Static DSD detection enabled
Invalid DSD detection enabled
24 Configure HP
25 Configure Class H Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
111
1
0
Output signal determines voltage level
High Voltage Mode Enabled
Using Internal VCPFILT source.
26 Set HP output to full scale
HP Output Control 1. 0x80000
0x30
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
HP_IN_LP
Reserved
+1dB_EN
0
0
11
0
0
0
0
Set headphone output to Full Scale (1.732 V rms)
27 Configure Headphone Detect
HP Detect. 0xD0000
0x04
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
00
0
00
10
0
HP detect disabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
28 Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
00
10
0
HP detect enabled
HP detect input is not inverted
Tip sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
29 Enable Interrupts
30 Read Interrupt Status 1 register (0xF0000) and Interrupt Status 5 register (0xF0004) to clear sticky bits
31 Enable Headphone Detect
Interrupts
Interrupt Mask 1. 0xF0010
0x81
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
0
0
0
0
1
Unmask HPDETECT_PLUG interrupt and
HPDETECT_UNPLUG interrupt
32 Enable DSD Interrupts
Interrupt Mask 5. 0xF0014
0x03
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
1
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Disable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
33 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000)
34 Switch MCLK source to PLL
System Clocking Control 1. 0x10006
0x01
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
0
01
MCLK Source set to PLL. MCLK_INT frequency set to
24.576 MHz
35 Wait at least 150 µs.
36 Power up HP
Refer to Ex. 5-6 for DSD power-up sequence. Note that in Step 1 of Ex. 5-6, use HH = DF for the DSD interface.
Example 5-8. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com