Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 41Page - Cirrus Logic CS43131 Datasheet HTML 42Page - Cirrus Logic CS43131 Datasheet HTML 43Page - Cirrus Logic CS43131 Datasheet HTML 44Page - Cirrus Logic CS43131 Datasheet HTML 45Page - Cirrus Logic CS43131 Datasheet HTML 46Page - Cirrus Logic CS43131 Datasheet HTML 47Page - Cirrus Logic CS43131 Datasheet HTML 48Page - Cirrus Logic CS43131 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
DS1155F1
45
CS43131
4.7 Clock Output and Fractional-N PLL
4.7.2
Fractional-N PLL Internal Interface
Fig. 4-18 shows how PLL operation can be configured.
Figure 4-18. Fractional-N PLL
Use Eq. 4-1 to calculate the PLL output frequency.
Equation 4-1. PLL Output Frequency Equation
PLL_REF source must be in range below:
Table 4-4 lists common settings with XTAL input as PLL reference.
Table 4-5 lists common settings with MCLK input as PLL reference.
PLL_REF Source
PLL_REF_PREDIV Input
Minimum
Maximum
MCLK/XIN pin
9.6 MHz
26 MHz
Table 4-4. PLL Configuration for Typical Use Case (XTAL as the PLL Reference)
XTAL
(MHz)
PLL_REF_PREDIV
(Divide-by Value)
PLL_REF_PREDIV
(Setting)
PLL_
DIV_INT
PLL_DIV_FRAC PLL_OUT_DIV
PLL_
MODE
PLL
OUT
(MHz)
PLL_CAL_
RATIO
22.5792
8
0x3
0x44
0x06 F700
0x08
0
24.576
139
24.576
8
0x3
0x49
0x80 0000
0x0A
1
22.5792
118
Table 4-5. PLL Configuration for Typical Use Case (XIN/MCLK as the PLL Reference)
XIN/MCLK
(MHz)
PLL_REF_PREDIV
(Divide-by Value)
PLL_REF_PREDIV
(Setting)
PLL_DIV_INT PLL_DIV_FRAC PLL_OUT_DIV
PLL_
MODE
PLL_OUT
(MHz)
PLL_CAL_
RATIO
11.2896
4
0x2
0x40
0x00 0000
0x08
1
22.5792
128
40x2
0x44
0x06 F700
0x08
0
24.576
139
22.5792
8
0x3
0x44
0x06 F700
0x08
0
24.576
139
12.000
4
0x2
0x49
0x80 0000
0x0A
0
22.5792
120
40x2
0x40
0x00 0000
0x08
0
24.576
131
24.000
8
0x3
0x49
0x80 0000
0x0A
0
22.5792
120
8
0x3
0x40
0x00 0000
0x08
0
24.576
131
12.288
4
0x2
0x49
0x80 0000
0x0A
1
22.5792
118
40x2
0x40
0x00 0000
0x08
1
24.576
128
24.576
8
0x3
0x49
0x80 0000
0x0A
1
22.5792
118
9.600
4
0x2
0x49
0x80 0000
0x08
0
22.5792
151
40x2
0x50
0x00 0000
0x08
0
24.576
164
PLL
XTI/MCLK
PLL_OUT
PLL_DIV_INT p. 116
PLL_DIV_FRAC_0 p. 116
PLL_DIV_FRAC_1 p. 116
PLL_DIV_FRAC_2 p. 116
PLL_MODE p. 117
PLL_REF_
PREDIV
p. 117
PDN_PLL p. 115
PLL_START p. 116
PLL_OUT_
DIV p. 117
PLL_OUT =
PLL_REF
PLL_REF_PREDIV
×
1
PLL_OUT_DIV
PLL_DIV_INT + PLL_DIV_FRAC
or 1, selected by PLL_Mode
×
500
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com