Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic CS43131 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 156 page
background image
DS1155F1
61
CS43131
4.13 Control Port Operation
To generate a read address not based on the last received MAP address, an aborted write operation can be used as a
preamble (see Fig. 4-34). Here, a write operation is aborted (after the ACK for the control byte) by sending a Stop
condition.
Figure 4-34. Control Port Timing, I2C Reads with Preamble and Autoincrement (8-Bit Data Access)
SCL
CHIP ADDRESS
(WRITE)
MAP BYTE
High (23:16)
START
STOP
ACK
SDA
SDA
Source
Master
Master
Master
Pull-up
Slave
Slave
Pull-up
ACK
Addr = 01100
4
5
6 7 8
9
17 18
0
1
2
3
7 6 5 4 3 2 1 0
ACK
34
MAP BYTE
Mid (15:8)
MAP BYTE
Low (7:0)
36
ACK
ACK
CONTROL
BYTE
7 6 5 4 3 2 1 0
37 38
35
Empty
7
0
7
0
7
0
16
26 27
25
39 40 41 42 43 44
7
0
7
0
45
DATA
BYTE 1
DATA
BYTE N
Master
Master
Slave
Slave
Slave
M
Slave
START
7 6 5 4 3 2 1 0
ACK
ACK
M
NACK
STOP
Master
4
5
6 7 8
9
0
1
2
3
16 17
Slave
CHIP ADDRESS
(READ)
MAP
ADDRESS
MAP
ADDRESS
+ (N-1)
Addr = 01100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com