Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 27Page - Cirrus Logic CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic CS43131 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 156 page
background image
DS1155F1
31
CS43131
4.2 Analog Outputs
4.2 Analog Outputs
The CS43131 provides an analog output that is derived from the digital audio input ports. This section describes the
general flow of the analog outputs.
4.2.1
Analog Output Signal Flow
The CS43131 signal flow is shown in Fig. 4-1.
Figure 4-1. Analog Output Signal Flow
The CS43131 has 4 settings of full scale voltage, which are determined by OUT_FS[1:0]. When OUT_FS[1:0] = 11 and
HV_EN = 1, the +1dB_EN bit can boost the output voltage to 2 Vrms. In any other setting combination of OUT_FS[1:0] and
HV_EN, the +1dB_EN bit is ignored. The proper full scale voltage must be set first, and the digital volume settings is used
to control signal levels.
The CS43131 digital volume control allows independent control of the signal level in 1/2 dB increments from 0 dB
(0b0000 0000) to –127 dB (0b1111 1110) by using x_VOLUME_y (where "x" is either PCM or DSD; "y" is either A or B)
register. When the x_VOL_BEQA bit is set, both volumes can be changed simultaneously using x_VOLUME_A). The
volume changes are implemented as dictated by PCM_SZC[1:0] and DSD_SZC in the signal control register (see
Section 7.4.3 and Section 7.5.5). If soft ramping is enabled, gain and attenuation changes are carried out by incrementally
changing the volume level in 1/8-dB steps, from the previous level to the new level. For PCM, when PCM_SZC[1:0] = 2,
the volume level changes at an approximate rate of 1 dB/ms. The volume level also changes at a rate of 1 dB/ms for DSD.
Both channels can be inverted independently by setting the INV_A and INV_B bits. Both channels can be swapped by
setting the x_SWAP_CHAN bit. Channel A content can be copied to channel B by setting the x_COPY_CHAN bit. Mono
mode can be enabled with proper setting of these bits.
The CS43131 provides individual ramp-up and ramp-down control options (from the global soft ramp settings) for two
specific scenarios. The PCM_RAMP_DOWN bit is for the scenario when the interpolation filter configuration switches (as
configured by the PCM Filter Option register) during PCM playback. DSD_RAMP_UP bit is for the scenario when DSD
playback recovers from detected DSD stream errors. Refer to each individual register description for setting details.
The CS43131 can mute both channels simultaneously or independently. Also, it can auto-mute on both PCM stream and
DSD stream when mute pattern is identified (defined in PCM_AMUTE and DSD_AMUTE). Additional signal and mute
control options can be found in Section 7.4.3 and Section 7.5.5.
Multibit

Modulator
Multibit

Modulator
Interpolation
Filter &
Volume
Control
Interpolation
Filter &
Volume
Control
DAC and
Filter
DAC and
Filter
–
+
–
+
HPINB
HPINA
HPOUTA
HPOUTB
DSD
Processor
DoP to
DSD
Engine
Audio
Source
I
2S
HPREFB
HPREFA
DoP
DSD
HP_IN_EN p. 127
HP_IN_LP p. 127
HP_IN_EN p. 127
HP_IN_LP p. 127
PDN_HP
DSD_EN p. 126
MIX_PCM_PREP p. 126
MIX_PCM_DSD p. 126
PCM_SZC p. 129
PCM_RAMP_DOWN p. 129
PCM_VOLUME_B p. 128
PCM_VOLUME_A p. 128
PCM_INV_A p. 129
PCM_INV_B p. 129
PCM_SWAP_CHAN p. 129
PCM_COPY_CHAN p. 129
PCM_VOL_BEQA p. 129
PCM_AMUTE p. 129
PCM_AMUTEBEQA p. 129
PCM_MUTE_A p. 129
PCM_MUTE_B p. 129
FILTER_SLOW_FASTB
p. 128
PHCOMP_LOWLATB p. 128
HIGH_PASS p. 128
DEEMP_ON p. 128
NOS p. 128
DAC_OVFL_INT
p. 134
DSD_PRC_SRC p. 126
DSD_SPEED p. 126
STA_DSD_DET p. 126
INV_DSD_DET p. 126
DSD_VOLUME_B p. 124
DSD_VOLUME_A p. 125
DSD_INV_A p. 127
DSD_INV_B p. 127
DSD_VOL_BEQA p. 125
DSD_AMUTE p. 125
DSD_MUTE_A p. 125
+1dB_EN p. 127
OUT_FS p. 127
PCM_WBF_EN p. 128
PDN_HP
DSD_MUTE_B p. 125
DSD_ZERODB p. 126
DSD_HPF_EN p. 127
OUT_FS p. 127
DSD_SZC p. 125
DSD_RAMP_UP p. 125
DSD_SWAP_CHAN p. 127
DSD_COPY_CHAN p. 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com