Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 13Page - Cirrus Logic CS43131 Datasheet HTML 14Page - Cirrus Logic CS43131 Datasheet HTML 15Page - Cirrus Logic CS43131 Datasheet HTML 16Page - Cirrus Logic CS43131 Datasheet HTML 17Page - Cirrus Logic CS43131 Datasheet HTML 18Page - Cirrus Logic CS43131 Datasheet HTML 19Page - Cirrus Logic CS43131 Datasheet HTML 20Page - Cirrus Logic CS43131 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 156 page
background image
DS1155F1
17
CS43131
3 Characteristics and Specifications
1.This table also applies to external VCP_FILT supply mode: CS43131 power up procedure as described in Section 4.3.5; EXT_VCPFILT=1; VCP_
FILT+ and VCP_FILT– comply to
Table 3-2 when EXT_VCPFILT = 1; in this mode, HV_EN must be set to 1.
2.One LSB of triangular PDF dither is added to PCM data.
3.Referred to the typical full-scale voltage. Applies to all THD+N and dynamic range values in the table.
4.DSD performance may be limited by the source recording. 0 dB-SACD = 50% modulation index.
5.The volume must be configured as indicated to achieve specified output characteristics.
6.HP output test configuration. Symbolized component values are specified in the test
conditions.
7.With I2C normal speed mode and 22.5792-MHz XTAL used as MCLK source, this specification is measured from reset released to when the audio
signal appears on the output per power-up sequence listed in Section 5.13.1. PCM_SZC should be set to Immediate (PCM_SZC = 00) to hear audio
at 20 ms after startup.
Table 3-6. Wideband Flatness Mode Analog Output Characteristics 1
Test conditions (unless otherwise specified): Fig. 2-1 shows CS43131 connections; input test signal is a 32-bit, full-scale 997-Hz sine wave (unless
specified otherwise); GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground; ASP_M/Sb = 1; typical, min/max performance data taken with
VA = VCP = 1.8 V; VL = VD = 1.8 V; VP = 3.6 V; TA = +25°C; measurement bandwidth is 20 Hz–90 kHz; ASP_SPRATE = 0110 (LRCK = 192-kHz mode);
PDN_XTAL = 0, MCLK_INT = 1, and MCLK_SRC_SEL = 00 (crystal frequency fXTAL = 22.5792 MHz); Volume = 0 dB; when testing noise related
specifications (dynamic range, THD+N, idle channel noise), no external impedance on HPREFx.
Wideband Flatness Mode Parameter 2,3
Minimum
Typical
Maximum
Units
HPOUTx
RL = 600 
CL = 200 pF
OUT_FS = 11
Volume = 0 dB
+1dB_EN = 0
HV_EN = 1,
unless otherwise
specified
Dynamic range
(defined in Table 3-1)
24-bit, 32-bit
A-weighted
122
128
—
dB
THD+N (20 Hz–20 kHz,
defined in Table 3-1)
24-bit, 32-bit
0 dB
–20 dB
–60 dB
—
—
—
–112
–97
–67
–106
—
–61
dB
dB
dB
Idle channel noise
(A-weighted)
(defined in Table 3-1)
24-bit, 32-bit
—
0.69
—
µV
Full-scale output voltage
4.66
4.90
5.14
Vpp
Output power
—
5
—
mW
Interchannel isolation (defined in Table 3-1)
217 Hz
1 kHz
20 kHz
—
—
—
120
120
110
—
—
—
dB
dB
dB
HPOUTx
RL = 600 
CL = 200 pF
OUT_FS = 11
Volume = 0 dB
+1dB_EN = 1
HV_EN = 1,
unless otherwise
specified
THD+N (20 Hz–20 kHz,
defined in Table 3-1)
24-bit, 32-bit
0 dB
—
–105
–99
dB
Full-scale output voltage
5.42
5.7
5.99
Vpp
Output power
—
6.8
—
mW
Test Load
HPOUTA
CLA
HPREFA
RLA
Measurement
Device
–
+
–
+
HPOUTB
HPREFB
CH1
CH2
CLB
RLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com