Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 2 Page - Cirrus Logic

  CS43131 Datasheet HTML 1Page - Cirrus Logic CS43131 Datasheet HTML 2Page - Cirrus Logic CS43131 Datasheet HTML 3Page - Cirrus Logic CS43131 Datasheet HTML 4Page - Cirrus Logic CS43131 Datasheet HTML 5Page - Cirrus Logic CS43131 Datasheet HTML 6Page - Cirrus Logic CS43131 Datasheet HTML 7Page - Cirrus Logic CS43131 Datasheet HTML 8Page - Cirrus Logic CS43131 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
2
DS1155F1
CS43131
General Description
The CS43131 is a high-performance, 32-bit resolution, stereo audio DAC that supports up to 384-kHz sampling frequency
with integrated low-noise ground-centered headphone amplifiers. The advanced 32-bit oversampled multibit modulator
with mismatch shaping technology eliminates distortion due to on-chip component mismatch. Proprietary
digital-interpolation filters support five selectable filter responses with pseudo-linear phase and ultralow latency to
minimize pre-echos and ringing artifacts. An on-chip programmable filter is available for further response customization.
Other features include volume control with 0.5-dB steps, wideband flatness mode support, and digital deemphasis for
44.1-kHz sample rate.
The integrated ground-centered stereo headphone amplifiers are capable of delivering more than 30 mW into 32-
 load
or 5 mW into 600-
 load per channel at full performance. It is also capable of generating 2 Vrms on a 600- load.
Proprietary headphone impedance detection enables wide-band impedance detection for further digital post-processing.
An internal stereo audio switch with true bypass supports an alternate analog input path for interfacing with external audio
sources to minimize the overall bill-of-materials cost and PCB area.
The patented on-chip DSD processor preserves audio integrity by allowing signal processing such as volume control and
50-kHz Scarlet Book recommended filtering to be applied directly to the DSD stream without an intermediate decimation
stage. Additional features like volume matching and channel mixing enable seamless transition between DSD and PCM
playback paths.
The CS43131 accepts I2S, right-justified, left-justified, and TDM-format PCM data at sample rates from 32 to 384 kHz. The
industry-standard high-speed I2C interface capable of up to 1-MHz operation provides easy configuration control. An
integrated PLL allows for maximum clocking flexibility in any system. Popguard® technology eliminates output transients
upon power-up or power-down events.
The CS43131 is available in a commercial-grade 42-ball WLCSP or 40-pin QFN package for operation from –10°C to
+70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com