Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 40Page - Cirrus Logic CS43131 Datasheet HTML 41Page - Cirrus Logic CS43131 Datasheet HTML 42Page - Cirrus Logic CS43131 Datasheet HTML 43Page - Cirrus Logic CS43131 Datasheet HTML 44Page - Cirrus Logic CS43131 Datasheet HTML 45Page - Cirrus Logic CS43131 Datasheet HTML 46Page - Cirrus Logic CS43131 Datasheet HTML 47Page - Cirrus Logic CS43131 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 156 page
background image
44
DS1155F1
CS43131
4.7 Clock Output and Fractional-N PLL
Figure 4-16. MCLK Source Switching
A source to MCLK_INT, either the XTAL (or external MCLK), PLL, or the RCO, must be provided as long as CS43131 is
operating; otherwise, the CS43131 will enter a non-responsive state. The only way to recover from this non-responsive
state is either through a reset or POR event. Switching MCLK sources during DAC operation causes audible artifacts, but
does not put the device in an unrecoverable state. In an MCLK source-switching event, the destined clock source must be
present and ready before switching occurs.
After POR or reset event, RCO is selected as default source of MCLK_INT.
4.6.1.1 Internal RC Oscillator
As described in Section 4.6.1, the CS43131 includes an internal RC oscillator that can be used as a clock source for
peripheral circuit such as control port or charge pump.
4.7 Clock Output and Fractional-N PLL
The CS43131 clock output can be used as a master clock for other data-conversion or signal-processing components,
which requires synchronous timing to the CS43131.
The CLKOUT output is enabled by clearing PDN_CLKOUT.
Figure 4-17. CLKOUT Source Selection
Once enabled, CLKOUT is generated either from the internal crystal oscillator output (when used) or from the integrated
fractional-N PLL; it can be selected by CLKOUT_SEL. CLKOUT_DIV can be used to set /2, /3, /4, or /8 to divide the
selected clock source to targeted frequency.
4.7.1
Fractional-N PLL
The CS43131 has an integrated fractional-N PLL to support the clocking requirements of various applications. This PLL
can be enabled or disabled by clearing or setting PDN_PLL bit. The input reference clock for the PLL is signal on XTI/
MCLK pin (crystal-generated or external-feed).
Internal
PLL
XTI/MCLK
Internal MCLK
CLKOUT
÷
RCO
CLKOUT_SEL p. 118
PDN_PLL p. 115
MCLK_SRC_SEL
CLKOUT_DIV p. 118
MCLK_INT p. 114
XTI/MCLK
PLL_OUT
CLKOUT
÷
CLKOUT_DIV
CLKOUT_SEL p. 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com