Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic CS43131 Datasheet HTML 35Page - Cirrus Logic CS43131 Datasheet HTML 36Page - Cirrus Logic CS43131 Datasheet HTML 37Page - Cirrus Logic CS43131 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
34
DS1155F1
CS43131
4.3 Class H Amplifier Output
4.3.2
Power-Supply Transitions
Charge-pump transitions from the lower to the higher set of rail voltages occur on the next FLYN/FLYP clock cycle. Despite
the system’s fast response time, the VCP_FILT pin’s capacitive elements prevent rail voltages from changing instantly.
Instead, the rail voltages ramp up from the lower to the higher supply, based on the time constant created by the output
impedance of the charge pump and the capacitor on the VCP_FILT pin (the transition time is approximately 20 µs).
Fig. 4-4 shows Class H supply switching. During this charging transition, a high dv/dt transient on the inputs may briefly
clip the outputs before the rail voltages charge to the full higher supply level. This transitory clipping has been found to be
inaudible in listening tests.
Figure 4-4. VCP_FILT Transitions
When the charge pump transitions from the lower to higher set or rail voltage, there is no delay associated with the
transition.
+VCP
Ideal Transition
Actual Transition caused
by VCP_FILT+ Capacitor
Time
+VP_LDO
-VCP
-VP_LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com