Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic CS43131 Datasheet HTML 35Page - Cirrus Logic CS43131 Datasheet HTML 36Page - Cirrus Logic CS43131 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 156 page
background image
DS1155F1
33
CS43131
4.3 Class H Amplifier Output
HV_EN setting, as shown in Fig. 4-3, determines the VP_LDO voltage as shown in Table 4-1. HV_EN = 1 setting is
required to support the 1.7-V full-scale voltage for a 600-
 load and above. In this setting, minimum VP is required to be
higher than 3.3 V, and any load below 600
 is not supported. When HV_EN = 0, the max output voltage is 1.4-V RMS
full-scale voltage. In this setting, minimum VP is required to be higher than 3 V, and the full headphone load range is
supported.
Figure 4-3. Internal LDO Configuration
Table 4-2 shows the nominal signal and volume level ranges when the output is set to the adapt modes explained in
Section 4.3.1. If the signal level is greater than the maximum value of this range, then clipping can occur.
4.3.1
Power Supply Control Options
This section describes the two types of operation: standard Class AB and adapt-to-output signal. The set of rail voltages
supplied to the amplifier output stages depends on the ADPT_PWR (see p. 131) setting.
4.3.1.1 Standard Class AB Operation (ADPT_PWR = 001 or 010)
If ADPT_PWR is set to 001 or 010, the rail voltages supplied to the amplifiers are held to ±VP_LDO or ±VCP, respectively.
The rail voltages supplied to the output stages are held constant, regardless of the output signal level. The CS43131
amplifiers simply operate in a traditional Class AB configuration.
4.3.1.2 Adapt-to-Output Signal (ADPT_PWR = 111)
If ADPT_PWR is set to 111, the rail voltage sent to the amplifiers is based solely on whether the signal sent to the amplifiers
would cause the amplifiers to clip when operating on the lower set of rail voltages at certain threshold values.
• If it would cause clipping, the control logic instructs the charge pump to provide the next higher set of rail voltages
to the amplifiers.
• If it would not cause clipping, the control logic instructs the charge pump to provide the lower set of rail voltages to
the amplifiers, eliminating the need to advise the CS43131 of volume settings external to the device.
Table 4-1. VP_LDO Voltage Per HV_EN Setting
HV_EN
VP_LDO Voltage
02.6 V
13.0 V
Table 4-2. Class H Supply Modes
Mode
Class H Supply Level
Signal 1 or Volume Level Range 2,3,4
1.In adapt-to-signal, the volume level ranges are approximations but are within –0.5 dB from the values shown.
2.Relative to digital full scale with output gain set to 0 dB.
3.In fixed modes, clipping can occur if the signal level exceeds the maximum of this range due to setting the
amplifier’s supply too low.
4.Thresholds shown are nominal for a 16-Ω stereo load.
0
±VP_LDO V, internally regulated from VP
 –11 dB
1
±VCP
< –11 dB
VP
VP_LDO
Internal
LDO
HV_EN p. 131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com