Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet (PDF) - Future Technology Devices International Ltd.

FT232R Datasheet PDF - Future Technology Devices International Ltd.
Part # FT232R
Download  FT232R Download
File Size   795.74 Kbytes
Page   29 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Incorporating Clock Generator Output and FTDIChip-ID Security Dongle

FT232R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT232R Datasheet PDF - Future Technology Devices International Ltd.

Part # FT232R
Download  FT232R Click to download

File Size   795.74 Kbytes
Page   29 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Incorporating Clock Generator Output and FTDIChip-ID Security Dongle

FT232R Datasheet (HTML) - Future Technology Devices International Ltd.


FT232R Product details

Features
Hardware Features
• Single chip USB to asynchronous serial data transfer interface.
• Entire USB protocol handled on the chip - No USB-specific firmware programming required.
• UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity.
• Fully assisted hardware or X-On / X-Off software handshaking.
• Data transfer rates from 300 baud to 3 Megabaud (RS422 / RS485 and at TTL levels) and 300 baud to 1 Megabaud (RS232).
• 256 byte receive buffer and 128 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput.
• FTDI’s royalty-free VCP and D2XX drivers eliminate the requirement for USB driver development in most cases.
• In-built support for event characters and line break condition.
• New USB FTDIChip-ID™ feature.
• New configurable CBUS I/O pins.
• Auto transmit buffer control for RS485 applications.
• Transmit and receive LED drive signals.
• New 48MHz, 24MHz,12MHz, and 6MHz clock output signal Options for driving external MCU or FPGA.
• FIFO receive and transmit buffers for high data throughput.
• Adjustable receive buffer timeout.
• Synchronous and asynchronous bit bang mode interface options with RD# and WR# strobes.
• New CBUS bit bang mode option.
• Integrated 1024 Bit internal EEPROM for storing USB VID, PID, serial number and product description strings, and CBUS I/O configuration.
• Device supplied preprogrammed with unique USB serial number.
• Support for USB suspend and resume.
• Support for bus powered, self powered, and high power bus powered USB configurations.
• Integrated 3.3V level converter for USB I/O .
• Integrated level converter on UART and CBUS for interfacing to 5V - 1.8V Logic.
• True 5V / 3.3V / 2.8V / 1.8V CMOS drive output and TTL input.
• High I/O pin output drive option.
• Integrated USB resistors.
• Integrated power-on-reset circuit.
• Fully integrated clock - no external crystal, oscillator, or resonator required.
• Fully integrated AVCC supply filtering - No separate AVCC pin and no external R-C filter required.
• UART signal inversion option.
• USB bulk transfer mode.
• 3.3V to 5.25V Single Supply Operation.
• Low operating and USB suspend current.
• Low USB bandwidth consumption.
• UHCI / OHCI / EHCI host controller compatible
• USB 2.0 Full Speed compatible.
• -40°C to 85°C extended operating temperature range.
• Available in compact Pb-free 28 Pin SSOP and QFN-32 packages (both RoHS compliant).

Typical Applications
• USB to RS232 / RS422 / RS485 Converters
• Upgrading Legacy Peripherals to USB
• Cellular and Cordless Phone USB data transfer cables and interfaces
• Interfacing MCU / PLD / FPGA based designs to USB
• USB Audio and Low Bandwidth Video data transfer
• PDA to USB data transfer
• USB Smart Card Readers
• USB Instrumentation
• USB Industrial Control
• USB MP3 Player Interface
• USB FLASH Card Reader / Writers
• Set Top Box PC - USB interface
• USB Digital Camera Interface
• USB Hardware Modems
• USB Wireless Modems
• USB Bar Code Readers
• USB Software / Hardware Encryption Dongles




Similar Part No. - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT232RL ETC2-FT232RL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
More results


Similar Description - FT232R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
UM245R FTDI-UM245R Datasheet
659Kb / 19P
USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
Multi-Output Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Asahi Kasei Microsystem...
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
2-output clock generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com