Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Future Technology Devices International Ltd.
Copyright © Future Technology Devices International Ltd. 2005
FT232R USB UART I.C.
Incorporating Clock Generator Output
and FTDIChip-ID™ Security Dongle
The
FT232R is the latest device to be added to FTDI’s range of USB UART interface Integrated Circuit Devices. The
FT232R is a USB to serial UART interface with optional clock generator output, and the new FTDIChip-ID™ security
dongle feature. In addition, asynchronous and synchronous bit bang interface modes are available. USB to serial
designs using the FT232R have been further simplified by fully integrating the external EEPROM, clock circuit and
USB resistors onto the device.
The FT232R adds two new functions compared with its predecessors, effectively making it a “3-in-1” chip for some
application areas. The internally generated clock (6MHz, 12MHz, 24MHz, and 48MHz) can be brought out of the
device and used to drive a microcontroller or external logic. A unique number (the FTDIChip-ID™) is burnt into the
device during manufacture and is readable over USB, thus forming the basis of a security dongle which can be used
to protect customer application software from being copied.
The FT232R is available in Pb-free (RoHS compliant) compact 28-Lead SSOP and QFN-32 packages.
™


Similar Part No. - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT232RL ETC2-FT232RL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
More results

Similar Description - FT232R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
UM245R FTDI-UM245R Datasheet
659Kb / 19P
USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
Multi-Output Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Asahi Kasei Microsystem...
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
2-output clock generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com