Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet (PDF) - STMicroelectronics

L99MOD54XP Datasheet PDF - STMicroelectronics
Part # L99MOD54XP
Download  L99MOD54XP Download
File Size   1649.58 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-output driver for automotive applications

L99MOD54XP Datasheet (PDF)

Go To PDF Page Download Datasheet
L99MOD54XP Datasheet PDF - STMicroelectronics

Part # L99MOD54XP
Download  L99MOD54XP Click to download

File Size   1649.58 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-output driver for automotive applications

L99MOD54XP Datasheet (HTML) - STMicroelectronics


L99MOD54XP Product details

Features
 AEC-Q100 qualified
 Three half bridges for
0.75 A loads (RDSon = 1600 mΩ
 Two configurable high-side drivers for up to
1.5 A load (R DSon = 500 mΩor 0.35 A load
(RDSon = 1800 mΩ)
 One high-side driver for 6 A load
(R DSon = 100 mΩ)
 Programmable soft start function to drive loads
with higher inrush currents (i.e. current > 6 A,
current > 1.5 A)
 Very low current consumption in standby mode
(IS < 6 μA typ; Tj 85 °C)
 All outputs short circuit protected
 Current monitor output for high-side OUT1,
OUT4, OUT5 and OUT6
 All outputs over temperature protected
 Open-load diagnostic for all outputs
 Overload diagnostic for all outputs
 PWM control of all outputs

Description
The L99MOD54XP is a microcontroller-driven multifunctional actuator driver for automotive applications.
Up to two DC motors and three grounded resistive loads can be driven with three half bridges and three high-side drivers.
The integrated SPI controls all operating modes (forward, reverse, brake and high impedance).
Also all diagnostic information is available via SPI read.

Applications
L99MOD devices are recommended for those applications that need multiple motors control with additional loads in high-side configuration, such as bulbs/LEDs or requiring protected supply, like sensors or cameras.




Similar Part No. - L99MOD54XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
More results


Similar Description - L99MOD54XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
logo
Recom International Pow...
RP-XX06 RECOM-RP-XX06 Datasheet
496Kb / 5P
6V Output For GaN Driver Applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com