Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 4Page - STMicroelectronics L99MOD54XP Datasheet HTML 5Page - STMicroelectronics L99MOD54XP Datasheet HTML 6Page - STMicroelectronics L99MOD54XP Datasheet HTML 7Page - STMicroelectronics L99MOD54XP Datasheet HTML 8Page - STMicroelectronics L99MOD54XP Datasheet HTML 9Page - STMicroelectronics L99MOD54XP Datasheet HTML 10Page - STMicroelectronics L99MOD54XP Datasheet HTML 11Page - STMicroelectronics L99MOD54XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Block diagram and pin description
L99MOD54XP
8/35
DS12616 Rev 4
9
CM/PWM2
Current monitor output/PWM2 input
Depending on the selected multiplexer bits of input data register this output
sources an image of the instant current through the corresponding high-side
driver with a ratio of 1/10.000. This pin is bidirectional. The microcontroller can
overdrive the current monitor signal to provide a second PWM input for the output
OUT5.
10
CSN
Chip select not input
This input is low active and requires CMOS logic levels. The serial data transfer
between L99MOD54XP and micro controller is enabled by pulling the input CSN
to low-level.
11
DO
Serial data output
The diagnosis data is available via the SPI and this 3-state output. The output
remains in 3-state, if the chip is not selected by the input CSN (CSN = high)
12
VCC
Logic supply voltage
For this input a ceramic capacitor as close as possible to GND is recommended.
13
CLK
Serial clock input
This input controls the internal shift register of the SPI and requires CMOS logic
levels.
26
CP
Charge pump output
This output is provided to drive the gate of an external n-channel power MOS
used for reverse polarity protection.
27
PWM1
PWM1 input
This input signal can be used to control the drivers OUT1-OUT4 and OUT6 by an
external PWM signal.
31
33
OUT4,
OUT5
High-side driver output 4 and 5
Each output is built by a high-side switch and is intended for resistive loads,
hence the internal reverse diode from GND to the output is missing. For ESD
reason a diode to GND is present but the energy which can be dissipated is
limited. Each high-side driver is a power DMOS transistor with an internal
parasitic reverse diode from each output to VS (bulk-drain-diode). Each output is
over-current and open-load protected.
15, 16, 17, 20,
21, 22, 23, 24,
29, 30, 34
NC
Not connected pins.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com