Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 16Page - STMicroelectronics L99MOD54XP Datasheet HTML 17Page - STMicroelectronics L99MOD54XP Datasheet HTML 18Page - STMicroelectronics L99MOD54XP Datasheet HTML 19Page - STMicroelectronics L99MOD54XP Datasheet HTML 20Page - STMicroelectronics L99MOD54XP Datasheet HTML 21Page - STMicroelectronics L99MOD54XP Datasheet HTML 22Page - STMicroelectronics L99MOD54XP Datasheet HTML 23Page - STMicroelectronics L99MOD54XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Application information
L99MOD54XP
20/35
DS12616 Rev 4
3.5
Overvoltage and under voltage detection
If the power supply voltage VS rises above the overvoltage threshold VSOV Off (typical 21 V),
the outputs OUT1 to OUT6 are switched to high impedance state to protect the load. When
the voltage VS drops below the under voltage threshold VSUV Off (UV-switch-off voltage), the
output stages are switched to the high impedance to avoid the operation of the power
devices without sufficient gate driving voltage (increased power dissipation). If the supply
voltage VS recovers (register 0: bit 20=0) to normal operating voltage the outputs stages
return to the programmed state after at least 32 μs.
If the under voltage/overvoltage recovery disable bit is set, the automatic turn-on of the
drivers is deactivated. The microcontroller needs to clear the status bits to reactivate the
drivers. It is strongly recommended to set bit 20 to avoid a possible high current oscillation in
case of a shorted output to GND and low battery voltage.
3.6
Charge pump
The charge pump runs under all conditions in normal mode. In standby the charge pump is
out of action.
3.7
Temperature warning and thermal shutdown
If junction temperature rises above Tj TW a temperature warning flag is set after at least 32
μs and is detectable via the SPI. If junction temperature increases above the second
threshold Tj SD, the thermal shutdown bit is set and power DMOS transistors of all output
stages are switched off to protect the device after at least 32 μs. Temperature warning flag
and thermal shutdown bit are latched and must be cleared by the microcontroller. The
related bit is only cleared if the temperature decreases below the trigger temperature. If the
thermal shutdown bit has been cleared the output stages are reactivated.
3.8
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load
current is below the open-load detection threshold for at least 1 ms (tdOL) the corresponding
open-load bit is set in the status register. Due to mechanical/electrical inertia of typical loads
a short activation of the outputs (e.g. 3 ms) can be used to test the open-load status without
changing the mechanical/electrical state of the loads.
3.9
Overload detection
In case of an over-current condition a flag is set in the status register in the same way as
open-load detection. If the over-current signal is valid for at least tISC = 32 μs, the over-
current flag is set and the corresponding driver is switched off to reduce the power
dissipation and to protect the integrated circuit. If the over-current recovery bit of the output
is zero the microcontroller has to clear the status bits to reactivate the corresponding driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com