Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 9Page - STMicroelectronics L99MOD54XP Datasheet HTML 10Page - STMicroelectronics L99MOD54XP Datasheet HTML 11Page - STMicroelectronics L99MOD54XP Datasheet HTML 12Page - STMicroelectronics L99MOD54XP Datasheet HTML 13Page - STMicroelectronics L99MOD54XP Datasheet HTML 14Page - STMicroelectronics L99MOD54XP Datasheet HTML 15Page - STMicroelectronics L99MOD54XP Datasheet HTML 16Page - STMicroelectronics L99MOD54XP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DS12616 Rev 4
13/35
L99MOD54XP
Electrical specifications
34
td On L
Output delay time, low-side
driver on
VS = 13.5 V, Rload = (2)
corresponding high-side driver is
not active
15
30
70
μs
td Off L
Output delay time, low-side
driver off
VS = 13.5 V, Rload = (2)
20
150
300
μs
td HL
Cross current protection time,
source to sink
tCC ONLS_OFFHS - td Off H(2)
200
400
μs
td LH
Cross current protection time,
sink to source
tCC ONHS_OFFLS - td OFF L(2)
200
400
μs
IQLH
Switched-off output current
high-side drivers of OUT1-6
VOUT1-6 = 0 V, standby mode
-3
0
-3
μA
VOUT1-2-3-6 = 0 V, active mode
-40
-15
0
μA
VOUT4-5 = 0 V, active mode
-10
-8
0
μA
IQLL
Switched-off output current
low-side drivers of OUT1-3
VOUT1-3 = VS, standby mode
0
80
120
μA
VOUT1-3 = VS, active mode
-40
-15
0
μA
IOLD123
Open-load detection current
of OUT1, OUT2 and OUT3
Source and sink
10
20
30
mA
IOLD45
Open-load detection current
of OUT4 and OUT5
Source
15
40
60
mA
Open-load detection current
of OUT4 and OUT5 in high
RDSon mode
510
15
mA
IOLD6
Open-load detection current
of OUT6
Source
30
150
300
mA
td OL
Minimum duration of open-
load condition to set the
status bit
500
3000
μs
tISC
Minimum duration of over-
current condition to switch off
the driver
10
100
μs
frec0
Recovery frequency for OC
recovery duty cycle bit=0
1
4
kHz
frec1
Recovery frequency for OC
recovery duty cycle bit=1
2
6
kHz
dVOUT123/dt
dVOUT45/dt
Slew rate of OUT123 and
OUT45
VS = 13.5 V, Rload = (2)
0.1
0.4
0.9
V/μs
dVOUT6/dt
Slew rate of OUT6
VS = 13.5 V, Rload = (2)
0.08
0.2
0.4
V/μs
1. OUT1,2,3 32 Ω
OUT4,5 16 Ω
OUT4,5 high RDSon mode 63 Ω
OUT6 4 Ω
2. tCC ON is the switch On delay time td ON if complement in half bridge has to switch off.
Table 11. OUT1 - OUT6 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com