Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 24Page - STMicroelectronics L99MOD54XP Datasheet HTML 25Page - STMicroelectronics L99MOD54XP Datasheet HTML 26Page - STMicroelectronics L99MOD54XP Datasheet HTML 27Page - STMicroelectronics L99MOD54XP Datasheet HTML 28Page - STMicroelectronics L99MOD54XP Datasheet HTML 29Page - STMicroelectronics L99MOD54XP Datasheet HTML 30Page - STMicroelectronics L99MOD54XP Datasheet HTML 31Page - STMicroelectronics L99MOD54XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Functional description of the SPI
L99MOD54XP
28/35
DS12616 Rev 4
17
Enable high
RDSon OUT5
After 50ms the bit can be cleared. If
over-current condition still exists, a
wrong load can be assumed.
OUT6 – HS
open-load
The open-load detection
monitors the load current in
each activated output stage.
If the load current is below
the open-load detection
threshold for at least 1 ms
(tdOL) the corresponding
open-load bit is set. Due to
mechanical/electrical inertia
of typical loads a short
activation of the outputs (e.g.
3 ms) can be used to test the
open-load status without
changing the
mechanical/electrical state of
the loads.
16
x (don’t care)
0
15
x (don’t care)
OUT5 – HS
open-load
14
OUT3 OC
recovery enable
OUT4 – HS
open-load
13
OUT2 OC
recovery enable
0
12
OUT1 OC
recovery enable
0
11
OUT6 PWM1
enable
If the PWM1/2 enable bit is set and
the output is enabled (input register
0) the output is switched on if
PWM1/2 input is high and switched
off if PWM1/2 input is low. OUT5 is
controlled by PWM2 input. All other
outputs are controlled by PWM1
input.
0
10
x (don’t care)
0
9
OUT5 PWM2
enable
0
8
OUT4 PWM1
enable
0
7
x (don’t care)
0
6
Enable high
RDSon OUT4
OUT3 – HS
open-load
5
x (don’t care)
OUT3 – LS
open-load
4
x (don’t care)
OUT2 –HS
open-load
3
OUT3 PWM1
enable
OUT2– LS
open-load
2
OUT2 PWM1
enable
OUT1 – HS
open-load
1
OUT1 PWM1
enable
OUT1 – LS
open-load
0
1
No error bit
A logical NOR-combination
of all bits 1 to 22 in both
status registers.
Table 19. SPI - input data and status registers 1 (continued)
Bit
Input register 1 (write)
Status register 1 (read)
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com