Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 11Page - STMicroelectronics L99MOD54XP Datasheet HTML 12Page - STMicroelectronics L99MOD54XP Datasheet HTML 13Page - STMicroelectronics L99MOD54XP Datasheet HTML 14Page - STMicroelectronics L99MOD54XP Datasheet HTML 15Page - STMicroelectronics L99MOD54XP Datasheet HTML 16Page - STMicroelectronics L99MOD54XP Datasheet HTML 17Page - STMicroelectronics L99MOD54XP Datasheet HTML 18Page - STMicroelectronics L99MOD54XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DS12616 Rev 4
15/35
L99MOD54XP
Electrical specifications
34
tr in
Rise time of input signal DI, CLK, CSN VCC = 5 V
-
100
ns
tf in
Fall time of input signal DI, CLK, CSN
VCC = 5 V
-
100
ns
1. DI timing parameters tested in production by a passed / failed test:
Tj = -40 °C / +25 °C: SPI communication @ 2 MHz.
Tj = +125 °C
SPI communication @ 1.25 MHz.
Table 14. DI timing (continued)
Symbol
Parameter(1)
Test condition
Min.
Typ.
Max.
Unit
Table 15. DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low-level
VCC = 5 V, ID = -2 mA
0.2
0.4
V
VDOH
Output high-level
VCC = 5 V, ID = 2 mA
VCC - 0.4
VCC - 0.2
V
IDOLK
3-state leakage current
VCSN = VCC,
0V < VDO < VCC
-10
10
μA
CDO (1)
3-state input capacitance
VCSN = VCC,
0 V < VCC < 5.3 V
10
15
pF
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 16. DO timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1 mA
-
80
140
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1 mA
-
50
100
ns
ten DO tri L
DO enable time
from 3-state to low-level
CL = 100 pF, Iload = 1 mA
pull up load to VCC
-
100
250
ns
tdis DO L tri
DO disable time
from low-level to 3-state
CL = 100 pF, Iload = 4 mA
pull up load to VCC
-
380
450
ns
ten DO tri H
DO enable time
from 3-state to high-level
CL =100 pF, Iload = -1 mA
pull down load to GND
-
100
250
ns
tdis DO H tri
DO disable time
from high-level to 3-state
CL = 100 pF, Iload = -4 mA pull down
load to GND
-
380
450
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7 VCC,
CL = 100pF
-
50
250
ns
Table 17. CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI,stb
CSN HI time, switching from
standby mode
Transfer of SPI command to
Input Register
20
-
-
μs
tCSN_HI,min CSN HI time, active mode
Transfer of SPI command to
input register
4-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com