Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 23Page - STMicroelectronics L99MOD54XP Datasheet HTML 24Page - STMicroelectronics L99MOD54XP Datasheet HTML 25Page - STMicroelectronics L99MOD54XP Datasheet HTML 26Page - STMicroelectronics L99MOD54XP Datasheet HTML 27Page - STMicroelectronics L99MOD54XP Datasheet HTML 28Page - STMicroelectronics L99MOD54XP Datasheet HTML 29Page - STMicroelectronics L99MOD54XP Datasheet HTML 30Page - STMicroelectronics L99MOD54XP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DS12616 Rev 4
27/35
L99MOD54XP
Functional description of the SPI
34
Table 19. SPI - input data and status registers 1
Bit
Input register 1 (write)
Status register 1 (read)
Name
Comment
Name
Comment
23
Enable bit
If enable bit is set the device is
switched in active mode. If enable
bit is cleared device goes into
standby mode and all bits are
cleared. After power-on reset
device starts in standby mode.
Always 1
A broken VCC or SPI
connection of the
L99MOD54XP can be
detected by the
microcontroller, because all
24 bits low or high is not a
valid frame.
22
OUT6 OC
recovery enable
In case of an over-current event the
over-current status bit (status
register 0) is set and the output is
switched off. If the over current
recovery enable bit is set the output
is automatically reactivated after a
delay time resulting in a PWM
modulated current with a
programmable duty cycle (bit 21 of
input data register 0).
Depending on occurrence of
overcurrent event and internal clock
phase it is possible that one
recovery cycle is executed even if
this bit is set to zero.
VS overvoltage
In case of an overvoltage or
under voltage event the
corresponding bit is set and
the outputs are deactivated.
If VS voltage recovers to
normal operating conditions
outputs are reactivated
automatically.
21
x (don’t care)
VS undervoltage
20
OUT5 OC
recovery enable
Thermal shutdown
In case of a thermal
shutdown all outputs are
switched off. The
microcontroller has to clear
the TSD bit by setting the
reset bit to reactivate the
outputs.
19
OUT4 OC
recovery enable
Temperature warning
The TW bit can be used for
thermal management by the
microcontroller to avoid a
thermal shutdown. The
microcontroller has to clear
the TW bit.
18
x (don’t care)
Not ready bit
After switching the device
from standby mode to active
mode an internal timer is
started to allow charge pump
to settle before the outputs
can be activated. This bit is
only present during start up
time.
Since this bit is controlled by
internal clock it can be used
for synchronizing testing
events(e.g. measuring filter
times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com