Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD54XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99MOD54XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD54XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99MOD54XP Datasheet HTML 7Page - STMicroelectronics L99MOD54XP Datasheet HTML 8Page - STMicroelectronics L99MOD54XP Datasheet HTML 9Page - STMicroelectronics L99MOD54XP Datasheet HTML 10Page - STMicroelectronics L99MOD54XP Datasheet HTML 11Page - STMicroelectronics L99MOD54XP Datasheet HTML 12Page - STMicroelectronics L99MOD54XP Datasheet HTML 13Page - STMicroelectronics L99MOD54XP Datasheet HTML 14Page - STMicroelectronics L99MOD54XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DS12616 Rev 4
11/35
L99MOD54XP
Electrical specifications
34
VSUV hyst VS UV-hysteresis
VSUV On - VSUV Off
0.5
V
VSOV Off VS OV-threshold voltage
VS increasing
18
24.5
V
VSOV On VS OV-threshold voltage
VS decreasing
17.5
23.5
V
VSOV hyst VS OV-hysteresis
VSOV Off - VSOV On
1V
VPOR Off Power-on reset threshold
VCC increasing
4.4
V
VPOR On Power-on reset threshold
VCC decreasing
3.1
V
VPOR hyst Power-on reset hysteresis
VPOR Off - VPOR On
0.3
V
Table 8. Overvoltage and under voltage detection (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 9. Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
VCC = 5 V0
4
V
ICM,r
Current monitor output ratio:
ICM / IOUT6
0 V
VCM 4 V, VCC = 5 V
-
Current monitor output ratio:
ICM / IOUT1
Current monitor output ratio:
ICM / IOUT4,5
low RDSon mode
Current monitor output ratio:
ICM / IOUT4,5
high RDSon mode
ICM acc
Current monitor accuracy
Acc ICM / IOUT 8
0 V
VCM  3.8 V,
VCC = 5 V,
IOut,min 8 = 0.5 A,
IOut max 8 = 5.9 A
-8%
-2%FS(1)
8% +
2%FS
A
Current monitor accuracy
Acc ICM / IOUT 1
0 V
VCM  3.8 V,
VCC = 5V,
IOut,min 1= 60 mA,
IOut max 1= 0.6 A
Current monitor accuracy
Acc ICM / IOUT 4,5
high RDSon mode
0 V
VCM  3.8 V,
VCC = 5 V,
IOut,min 4,5 = 30 mA,
IOut max 4,5 = 300 mA
Current monitor accuracy
Acc ICM / IOUT 4,5
low RDSon mode
0 V
VCM  3.8 V,
VCC = 5 V,
IOut,min 4,5 = 150 mA,
IOut max 4,5 = 1 A
1. FS (full scale)= IOUTmax * ICMr_typ.
1
10000
----------------
1
3800
-------------
1
10200
----------------
1
---
2400
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com