Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR2003FV Datasheet (PDF) - Diodes Incorporated

AR2003FV Datasheet PDF - Diodes Incorporated
Part # AR2003FV
Download  AR2003FV Download
File Size   733.12 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER

AR2003FV Datasheet (PDF)

Go To PDF Page Download Datasheet
AR2003FV Datasheet PDF - Diodes Incorporated

Part # AR2003FV
Download  AR2003FV Click to download

File Size   733.12 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER

AR2003FV Datasheet (HTML) - Diodes Incorporated


AR2003FV Product details

Features
Primary-Side or Secondary-side Active/Synchronous
Rectification, Optimized for Systems with Dynamic Voltage
Scaling Capabilities
Frequency of Operation up to 600kHz
Suitable for Discontinuous (DCM), Continuous (CCM) and
Critical (CrCM) Conduction Mode
Minimum On-time and Off-time to Blanking Turn-on/off
Oscillations
Light Load Detection and Sleep Mode
Drain Voltage Rating of 200V
Recommended Operating Voltage from 4.5V up to 21V
Low Component Count.
Low Under Voltage Lockout
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
USB PD Adaptor
AC-DC Battery Charger
Fly-back Conversion
PC Power Supply
SMPS
Power Adaptors
Auxiliary Power Supplies
PoE Power Devices




Similar Part No. - AR2003FV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 3
More results


Similar Description - AR2003FV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
Synchronous Rectification Controller
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 3
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
Synchronous Rectification Controller
September 2015 Rev. 1.4
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com