Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR2003FV Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 3 Page - Diodes Incorporated

  AR2003FV Datasheet HTML 1Page - Diodes Incorporated AR2003FV Datasheet HTML 2Page - Diodes Incorporated AR2003FV Datasheet HTML 3Page - Diodes Incorporated AR2003FV Datasheet HTML 4Page - Diodes Incorporated AR2003FV Datasheet HTML 5Page - Diodes Incorporated AR2003FV Datasheet HTML 6Page - Diodes Incorporated AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AR2003FV
3 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
Pin Descriptions
Pin Number
Pin Name
Function
1, 7
NC
Not Connected
2
TON
Minimum On-time Setting Pin
3
AGND
This is the ground reference for all internal comparators and thresholds.
4
TOFF/EN
Enable Pin/ Minimum Off-time
This pin combines the functions of setting the programmable minimum off-time as well as acting as the
enable pin. The device enters Under Voltage Lock Out (UVLO) mode when VCC falls below the UVLO
threshold. At this point the TOFF/EN pin is internally shorted to ground through a resistor. The internal
current source (used for setting TOFF) is powered down. Once the UVLO threshold is exceeded, the internal
resistance is removed and the current source is activated. If the voltage applied to the TOFF/EN pin exceeds
the VENON threshold then the device is in Active Mode. If the voltage drops below the VENOFF threshold then
the device is in Sleep Mode.
5
SFB
Output pin of internal feedback resistor which is connected to VCC. It is sent to TL431 (or its compatible) to
drive the opto-coupler and provide feedback voltage to primary side controller to realize Secondary
Synchronous Rectification.
6
OVS
Output voltage (VCC) select pin, work together with SFB to select output voltage in 5V or 12V.
8
VS
This is the connection to internal MOSFET Source. VS is also connected to GND.
9, VD pad
VD
This is a connection to the internal MOSFET Drain. The pin needs to be connected as closely as possible to
the transformer used in the application, to minimize the effects of parasitic inductance on the performance of
the device. The device requires that VD has a voltage greater than 1.5V and that the TOFF timer has expired
before the MOSFET is able to be activated. Once these conditions are met and the voltage internally sensed
on the VD pin is 150mV lower than the VS pin, the internal MOSFET is turned on and the TON minimum on
time period is started. The MOSFET will remain on for at least the length of the minimum on time. The only
thing that can override this is if a pulse is detected on the SNYC pin. After the TON period, the MOSFET
remains on until the VD to VS voltage has reached to the VTHOFF threshold, at which point the internal
MOSFET is turned off. As mentioned before, if the VTHOFF threshold is reached before the TON period has
expired, the device will enter the Light Load Mode. Under this mode, the MOSFET will not be turned on the
next switching cycle. When the drain voltage has increased to 1.5V, the TOFF timer is triggered, during
which the MOSFET is prevented from turning on.
10
GATE
Connect GATE to the gate of the controlled MOSFET through a small series resistor using short PC board
tracks to achieve optimal switching performance. The GATE output can achieve >2-A peak source current
when High and >4-A peak sink current when Low into a large N-channel power MOSFET.
11
SYNC
If a falling edge is sensed on this pin, the internal MOSFET is immediately turned off, irrespective of the
sensed drain to source voltage or the state of the TON timer. This characteristic allows the device to be
easily used in a Continuous Conduction Mode (CCM) system. The SYNC pin needs to be connected to a
suitable control signal on the primary side of the convertor, using a high voltage isolation cap, transformer or
other suitable means.
12
DGATE
During Over Voltage Protection, DGATE will drive external MOSFET to pull down the output voltage so that
Primary side controller will start the Short Circuit Protection handling.
13
GND
This is the reference potential for all internal comparators and thresholds.
14
VCC
VCC supplies all the internal circuitry of the device. A DC supply is required to be connected to this pin. It is
required that a 10µF or larger capacitor is placed between this pin and GND, as close to the pins as possible.
The device will not function until the VCC has risen above the UVLO threshold. The device can safely be
turned off by bringing VCC below the UVLO threshold (minus the UVLO threshold hysteresis). If VCC drops
below the UVLO threshold (minus UVLO threshold hysteresis), the MOSFET is turned off and the TOFF/EN
pin is internally connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com