Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR2003FV Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated AR2003FV Datasheet HTML 10Page - Diodes Incorporated AR2003FV Datasheet HTML 11Page - Diodes Incorporated AR2003FV Datasheet HTML 12Page - Diodes Incorporated AR2003FV Datasheet HTML 13Page - Diodes Incorporated AR2003FV Datasheet HTML 14Page - Diodes Incorporated AR2003FV Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AR2003FV
13 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
Application Information (Cont.)
SYNC Input Circuit
SYNC pin is internally pulled up to internal AVDD (4.2V to
5V) through a 2KΩ resistor. If a falling edge of more than 2V is detected, the external
MOSFET will be turned off by AR2003FV. If the amplitude of SYNC signal is larger than 4.2V, an external resistor should be used to limit the input
current less than 2mA.
Ordering Information (Note 9)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
AR2003FV-13
AR2003
13
12
3,000
Note 9:
For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
AR2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com