Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1764 Datasheet (PDF) - Toshiba Semiconductor

2SC1764 Datasheet PDF - Toshiba Semiconductor
Part # 2SC1764
Download  2SC1764 Download
File Size   63.89 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.

2SC1764 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1764 Datasheet PDF - Toshiba Semiconductor

Part # 2SC1764
Download  2SC1764 Click to download

File Size   63.89 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.

2SC1764 Datasheet (HTML) - Toshiba Semiconductor


2SC1764 Product details

FEATURES
Specified 28v, 28MHz Characteristics
-Output Power : Po=80WPEP
-Minimum Gain : Gpe=14.5dB
-Efficiency : =40%(Min.)
-Intermodulation Distortion : IMD=-30dB(Max.)




Similar Part No. - 2SC1764

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
2SC1760 SONY-2SC1760 Datasheet
375Kb / 2P
2SC1728
logo
Toshiba Semiconductor
2SC1763 TOSHIBA-2SC1763 Datasheet
60Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC1765 TOSHIBA-2SC1765 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
logo
Shenzhen Jin Yu Semicon...
2SC1766 HTSEMI-2SC1766 Datasheet
378Kb / 1P
TRANSISTOR(NPN)
logo
WILLAS ELECTRONIC CORP
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - 2SC1764

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2099 TOSHIBA-2SC2099 Datasheet
142Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS) (LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2290 TOSHIBA-2SC2290 Datasheet
140Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2395 TOSHIBA-2SC2395 Datasheet
140Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2510 TOSHIBA-2SC2510 Datasheet
137Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (28v SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2879 TOSHIBA-2SC2879 Datasheet
134Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2290A TOSHIBA-2SC2290A Datasheet
197Kb / 3P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
09-Mar-2005
2SC2879A TOSHIBA-2SC2879A Datasheet
189Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
Toshiba Semiconductor
2SC1763 TOSHIBA-2SC1763 Datasheet
60Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC2531 TOSHIBA-2SC2531 Datasheet
141Kb / 2P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com