Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2531 Datasheet (PDF) - Toshiba Semiconductor

2SC2531 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2531
Download  2SC2531 Download
File Size   141.59 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)

2SC2531 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2531 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2531
Download  2SC2531 Click to download

File Size   141.59 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)

2SC2531 Datasheet (HTML) - Toshiba Semiconductor


2SC2531 Product details

FEATURES:
Specified 28V, 28MHz Characteristics
: Output Power: Po 150WPEP
Minimum Gain : Gpe=12.2dB
e-35% (Min.)
: Efficiency
: Intermodulation Distortion: IMD=-30dB (Max.)




Similar Part No. - 2SC2531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2532 TOSHIBA-2SC2532 Datasheet
132Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
10-Apr-1997
2SC2532 TOSHIBA-2SC2532 Datasheet
78Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
2SC2532 TOSHIBA-2SC2532_03 Datasheet
78Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
logo
Savantic, Inc.
2SC2534 SAVANTIC-2SC2534 Datasheet
151Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2534 ISC-2SC2534 Datasheet
183Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC2531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2099 TOSHIBA-2SC2099 Datasheet
142Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS) (LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2290 TOSHIBA-2SC2290 Datasheet
140Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2395 TOSHIBA-2SC2395 Datasheet
140Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2510 TOSHIBA-2SC2510 Datasheet
137Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (28v SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2879 TOSHIBA-2SC2879 Datasheet
134Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2290A TOSHIBA-2SC2290A Datasheet
197Kb / 3P
2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
09-Mar-2005
2SC2879A TOSHIBA-2SC2879A Datasheet
189Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
01-Nov-2007
logo
New Jersey Semi-Conduct...
MRF406 NJSEMI-MRF406 Datasheet
84Kb / 1P
12.5V 30MHz Power Amplifier
logo
Toshiba Semiconductor
2SC1763 TOSHIBA-2SC1763 Datasheet
60Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC1764 TOSHIBA-2SC1764 Datasheet
63Kb / 2P
2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com