Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC504 Datasheet (PDF) - Toshiba Semiconductor

2SC504 Datasheet PDF - Toshiba Semiconductor
Part # 2SC504
Download  2SC504 Download
File Size   464.86 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.

2SC504 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC504 Datasheet PDF - Toshiba Semiconductor

Part # 2SC504
Download  2SC504 Click to download

File Size   464.86 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.

2SC504 Datasheet (HTML) - Toshiba Semiconductor


2SC504 Product details

FEATURES:
• High Transition Frequency : ft=80MHz (Typ.)
• High Breakdown Voltage
: Vceo=80V (2SC503)
: Vceo=60V (2SC504)
• Complementary to 28A503 and 28A504.




Similar Part No. - 2SC504

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5041 SANYO-2SC5041 Datasheet
36Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5042 SANYO-2SC5042 Datasheet
84Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications?????????????
logo
Savantic, Inc.
2SC5042 SAVANTIC-2SC5042 Datasheet
204Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5042 JMNIC-2SC5042 Datasheet
47Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5042 ISC-2SC5042 Datasheet
177Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC504

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
Power Amplifier Applications High-Speed Switching Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
High-Speed Switching Applications Power Amplifier Applications
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
2SC594 TOSHIBA-2SC594 Datasheet
176Kb / 2P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com