Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WE05DUCMS-B Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

WE05DUCMS-B Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # WE05DUCMS-B
Download  WE05DUCMS-B Download
File Size   2138.44 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Low Capacitance Bi-directional TVS Diode

WE05DUCMS-B Datasheet (PDF)

Go To PDF Page Download Datasheet
WE05DUCMS-B Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # WE05DUCMS-B
Download  WE05DUCMS-B Click to download

File Size   2138.44 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Low Capacitance Bi-directional TVS Diode

WE05DUCMS-B Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


WE05DUCMS-B Product details

Features
Ultra small package: 0.6x0.3x0.3mm
Ultra low capacitance: 0.25pF typical
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
2-pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories
Display Ports
MDDI Ports
USB Ports
Digital Visual Interface (DVI)
PCI Express and Serial SATA Ports




Similar Part No. - WE05DUCMS-B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
WE05DUCF-B LEIDITECH-WE05DUCF-B Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results


Similar Description - WE05DUCMS-B

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0541P1 APMICRO-AR0541P1 Datasheet
545Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR2421P1 APMICRO-AR2421P1 Datasheet
717Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ULC1811CDN LEIDITECH-ULC1811CDN Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD0P2RF-02LS LEIDITECH-ESD0P2RF-02LS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD105-B1-02ELS LEIDITECH-ESD105-B1-02ELS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com