Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC1811CDN Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

ULC1811CDN Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # ULC1811CDN
Download  ULC1811CDN Download
File Size   1685.2 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Low Capacitance Bi-directional TVS Diode

ULC1811CDN Datasheet (PDF)

Go To PDF Page Download Datasheet
ULC1811CDN Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC1811CDN
Download  ULC1811CDN Click to download

File Size   1685.2 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Low Capacitance Bi-directional TVS Diode

ULC1811CDN Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


ULC1811CDN Product details

Features

•Ultra small package: 1.0x0.6x0.5mm
•Ultra low capacitance: 0.3pF typical
•Ultra low leakage: nA level
•Operating voltage: 18V
•Low clamping voltage
•2-pin leadless package
•Complies with following standards:
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15kV
•RoHS Compliant

Applications

•Antenna
•Cellular Handsets and Accessories
•Display Ports
•Digital Visual Interface (DVI)
•PCI Express and Serial SATA Ports
•Digital Camera




Similar Part No. - ULC1811CDN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC18CTN LEIDITECH-ULC18CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC18TN LEIDITECH-ULC18TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Similar Description - ULC1811CDN

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0541P1 APMICRO-AR0541P1 Datasheet
545Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR2421P1 APMICRO-AR2421P1 Datasheet
717Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD0P2RF-02LS LEIDITECH-ESD0P2RF-02LS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD105-B1-02ELS LEIDITECH-ESD105-B1-02ELS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
WE05DUCMS-B LEIDITECH-WE05DUCMS-B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com