Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC1811CDN Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC1811CDN
Description  1-Line Ultra Low Capacitance Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC1811CDN Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC1811CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev 2.0 :
www.leiditech.com
12.01.2019
3/4
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Power Derating Curve
8 X 20μs Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
Clamping Voltage vs. Peak Pulse Current
Note:Data is taken with a 10x attenuator
ULC1811CDN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com