Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC1811CDN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC1811CDN
Description  1-Line Ultra Low Capacitance Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC1811CDN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC1811CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC1811CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ULC1811CDN
Features
Applications
Dimensions DFN1006
Mechanical Characteristics
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
80
W
ESD per IEC 61000−4−2 (Air)
VESD
± 25
Kv
ESD per IEC 61000−4−2 (Contact)
± 15
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Pin Configuration
Ultra small package: 1.0x0.6x0.5mm
Ultra low capacitance: 0.3pF typical
Ultra low leakage: nA level
Operating voltage: 18V
Low clamping voltage
2-pin leadless package
Complies with following standards:
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15kV
RoHS Compliant
Antenna
Cellular Handsets and Accessories
Display Ports
Digital Visual Interface (DVI)
PCI Express and Serial SATA Ports
Digital Camera
Package: DFN1006-2 (1.0×0.6×0.5mm)
Lead Finish: NiPdAu
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Quantity Per Reel : 10,000pcs
Reel Size: 7 inch
Device Marking: R18
1
2


Similar Part No. - ULC1811CDN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC18CTN LEIDITECH-ULC18CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC18TN LEIDITECH-ULC18TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ULC1811CDN

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0541P1 APMICRO-AR0541P1 Datasheet
545Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR2421P1 APMICRO-AR2421P1 Datasheet
717Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD0P2RF-02LS LEIDITECH-ESD0P2RF-02LS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD105-B1-02ELS LEIDITECH-ESD105-B1-02ELS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
WE05DUCMS-B LEIDITECH-WE05DUCMS-B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com