Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3801 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3801 Datasheet PDF - Texas Instruments
Part # TLV3801
Download  TLV3801 Download
File Size   2635.14 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs

TLV3801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3801 Datasheet PDF - Texas Instruments

Part # TLV3801
Download  TLV3801 Click to download

File Size   2635.14 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs

TLV3801 Datasheet (HTML) - Texas Instruments


TLV3801 Product details

1 Features
• Low propagation delay: 225 ps
• Low overdrive dispersion: 5 ps
• Quiescent current: 20 mA
• High toggle frequency: 3 GHz / 6 Gbps
• Narrow pulse width detection capability: 240 ps
• LVDS output
• Split input and output ground reference
• Single supply voltage: 2.7 V to 5.25 V
• Low input offset voltage: ±0.5 mV
• Internal hysteresis options: 0, 1.5, 2 mV
• Packages: TLV3801 (8-Pin WSON), TLV3811 (6-
Pin WCSP)

2 Applications
• Distance sensing in LIDAR
• Time-of-Flight sensors
• High speed trigger function in oscilloscope and
logic analyzer
• High speed differential line receiver
• Drone vision

3 Description
The TLV3801/TLV3811 are 225-ps high speed
comparators with a wide power supply range and a
very high toggle frequency of 3 GHz. Along with an
operating supply voltage range of 2.7 V to 5.25 V for
single supply and 2.7 V to 5.25 V for split supply,
all of these features come in industry-standard small
packages, making these devices an excellent choice
for LIDAR, differential line receiver applications, and
test and measurement systems.
The TLV3801/TLV3811 have a very strong input
overdrive performance of 5 ps, and narrow pulse
width capabilities of just 240 ps. This combination
of low variation in propagation delay due to input
overdrive and the ability to detect narrow pulses make
these devices excellent choices for Time-of-Flight
(ToF) applications such as in factory automation and
drone vision.
The Low-Voltage-Differential-Signal (LVDS) output of
the TLV3801/TLV3811 helps increase data throughput
and optimizes power consumption. Likewise, the
complementary outputs help to reduce EMI by
suppressing common mode noise on each output.
The LVDS output is designed to drive and interface
directly with other devices that accept a standard
LVDS input, such as most FPGAs and CPUs
downstream in an application.
The TLV3801 is in an 8-pin WSON package while
the TLV3811 is in a tiny 6-pin WCSP package, which
makes them desirable for space sensitive applications
such as an optical sensor module.




Similar Part No. - TLV3801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801 TI-TLV3801 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI1-TLV3801 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801 Datasheet
2Mb / 31P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801 Datasheet
2Mb / 34P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
DECEMBER 2023
More results


Similar Description - TLV3801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH7322 TI1-LMH7322_14 Datasheet
945Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
TLV3604 TI-TLV3604 Datasheet
866Kb / 17P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V02 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801-Q1 TI1-TLV3801-Q1_V01 Datasheet
2Mb / 31P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801_V03 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com