Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3801 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3801 Datasheet PDF - Texas Instruments
Part # TLV3801
Download  TLV3801 Download
File Size   2490.55 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs

TLV3801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3801 Datasheet PDF - Texas Instruments

Part # TLV3801
Download  TLV3801 Click to download

File Size   2490.55 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs

TLV3801 Datasheet (HTML) - Texas Instruments


TLV3801 Product details

1 Features
• Low propagation delay: 225 ps
• Low overdrive dispersion: 5 ps
• Quiescent current: 19 mA
• High toggle frequency: 3 GHz /6 Gbps
• Narrow pulse width detection capability: 240 ps
• LVDS output
• Split input and output ground reference
• Single supply voltage: 2.7 V to 5.25 V
• Low input offset voltage: ±0.5 mV
• Internal hysteresis: 2 mV
• Packages: TLV3801-Q1 (8-Pin WSON), TLV3802-
Q1 (12-Pin WSON)

2 Applications
• Distance sensing in LIDAR
• Time-of-Flight sensors
• High speed trigger function in oscilloscope and
logic analyzer
• High speed differential line receiver
• Drone vision

3 Description
The TLV380x-Q1 are 225-ps high speed comparators
with a wide power supply range and a very high
toggle frequency of 3 GHz. Along with an operating
supply voltage range of 2.7 V to 5.25 V for single
supply and 2.7 V to 5.25 V for split supply, all of these
features come in industry-standard small packages,
making these devices an excellent choice for LIDAR,
differential line receiver applications, and test and
measurement systems.
The TLV380x-Q1 have a very strong input overdrive
performance of 5 ps, and narrow pulse width
capabilities of just 240 ps. This combination of low
variation in propagation delay due to input overdrive
and the ability to detect narrow pulses make these
devices excellent choices for Time-of-Flight (ToF)
applications such as in factory automation and drone
vision.
The Low-Voltage-Differential-Signal (LVDS) output
of the TLV380x-Q1 helps increase data throughput
and optimizes power consumption. Likewise, the
complementary outputs help to reduce EMI by
suppressing common mode noise on each output.
The LVDS output is designed to drive and interface
directly with other devices that accept a standard
LVDS input, such as most FPGAs and CPUs
downstream in an application.
The TLV3801-Q1 is in an 8-pin WSON package while
the TLV3802-Q1 is in a 12-pin WSON package with
wettable flanks, making them desirable for space
sensitive, automotive applications.




Similar Part No. - TLV3801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801 TI-TLV3801 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3801 TI1-TLV3801 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801 Datasheet
2Mb / 34P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
DECEMBER 2023
More results


Similar Description - TLV3801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI1-TLV3604_V03 Datasheet
2Mb / 31P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3604 TI-TLV3604_V04 Datasheet
2Mb / 34P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3801 TI1-TLV3801_V03 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com