Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet (PDF) - Acconeer AB

A121-001-R Datasheet PDF - Acconeer AB
Part # A121-001-R
Download  A121-001-R Download
File Size   755.08 Kbytes
Page   24 Pages
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB
Description Pulsed Coherent Radar (PCR)

A121-001-R Datasheet (PDF)

Go To PDF Page Download Datasheet
A121-001-R Datasheet PDF - Acconeer AB

Part # A121-001-R
Download  A121-001-R Click to download

File Size   755.08 Kbytes
Page   24 Pages
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB
Description Pulsed Coherent Radar (PCR)

A121-001-R Datasheet (HTML) - Acconeer AB


A121-001-R Product details

Features
• Fully integrated sensor
- 60 GHz Pulsed Coherent Radar (PCR)
- Integrated Baseband, RF front-end and
Antenna in Package (AiP)
- 5.5 x 5.2 x 0.88 mm fcCSP, 0.5 mm pitch
• Accurate distance ranging and movements
- Measures absolute range up to 2 m (1)
o Absolute accuracy in mm
- Relative accuracy in µm
- Possible to recognize movement and
gestures for several objects
- Support continuous and single sweep
mode
- HPBW typical of 65 (H-plane) and 53
degrees (E-plane)
• Easy integration
- One chip solution with integrated
Baseband and RF
- Can be integrated behind plastic or glass
without any need for a physical aperture
- Single reflowable component
- 1.8 V single power supply, enable with
Power on Reset (PoR)
- 1.8 V or 3.3 V IO interface power supply
- Clock input for crystal 24 MHz.
- SPI interface for data transfer, up to 50
MHz SPI clock support
- INTERRUPT support

Applications
• High precision distance measurements with
mm accuracy and high update rate
• Ultra-low power consumption
• Proximity detection with high accuracy and
the possibility to define multiple proximity
zones
• Motion detection, Speed detection
• Enables material detection
• High precision object tracking, enabling
gesture control
• High precision tracking of 3D objects
• Monitor vital life signs such as breathing and
pulse rate




Similar Part No. - A121-001-R

ManufacturerPart #DatasheetDescription
logo
Acconeer AB
A121-001-R ACCOONEER-A121-001-R Datasheet
960Kb / 29P
A121 – Pulsed Coherent Radar (PCR)
2023-03-30 v1.0
More results


Similar Description - A121-001-R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-6M MA-COM-PH1214-6M Datasheet
133Kb / 2P
Radar Pulsed Power Transistor
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
Radar Pulsed Power Transistor
PH3135-5M MA-COM-PH3135-5M_15 Datasheet
107Kb / 3P
Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
Radar Pulsed Power Transistor
PHA2729-300M MA-COM-PHA2729-300M_15 Datasheet
66Kb / 2P
Radar Pulsed Power Module
PH2226-110M MA-COM-PH2226-110M_17 Datasheet
107Kb / 3P
Radar Pulsed Power Transistor
logo
Acconeer AB
A111 ACCOONEER-A111 Datasheet
1Mb / 35P
Pulsed Coherent Radar (PCR)
v2.8 / 2022-06-22
A121 ACCOONEER-A121_V01 Datasheet
960Kb / 29P
A121 – Pulsed Coherent Radar (PCR)
2023-03-30 v1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com