Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 6 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 6 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 2Page - Acconeer AB A121-001-R Datasheet HTML 3Page - Acconeer AB A121-001-R Datasheet HTML 4Page - Acconeer AB A121-001-R Datasheet HTML 5Page - Acconeer AB A121-001-R Datasheet HTML 6Page - Acconeer AB A121-001-R Datasheet HTML 7Page - Acconeer AB A121-001-R Datasheet HTML 8Page - Acconeer AB A121-001-R Datasheet HTML 9Page - Acconeer AB A121-001-R Datasheet HTML 10Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
© 2022 Copyright by Acconeer
2022-09-22
Page 6 of 24
2.1
Functional Block Diagram
A121 One Package Solution
A121 Silicon
TX
RX
PLL
LDOs
PoR
Program
memory
Data
memory
SPI (4)
INTERRUPT
XIN
XOUT
CTRL (optional)
1.8V Single
power supply.
1.8V or 3.3V IO
power supply.
ENABLE
Digital
Power
Timing
mmWave Radio
Tx ant.
Rx ant.
Figure 2.1 The A121 functional block diagram.
The A121 silicon is divided into four functional blocks: Power, Digital, Timing and mmWave radio.
The Power functional block includes LDOs and a Power on Reset (PoR) block. Each LDO creates its
own voltage domain. The PoR block generates a Reset signal on each power-up cycle. To operate the
A121, an external host CPU such as a microcontroller (MCU) is required. This MCU will from now
on be referred to as the "host".
The host interfaces the Power functional block of the sensor via 1.8 V Single power supply, 1.8 V or
3.3 V IO power supply and ENABLE.
The Digital functional block includes sensor control. The data memory stores the radar sweep data.
The host interfaces the Sensor via an SPI interface, a Clock (XIN, XOUT), INTERRUPT signal and
optional CTRL signal. The SPI, INTERRUPT, CTRL and ENABLE interfaces support 1.8 V or 3.3 V
power supply.
The Timing block includes the timing circuitry. The PLL digital clock output is used to drive digital
logic and is generated by a crystal oscillator that requires an external crystal resonator (XIN/XOUT).
Supported frequency of the external crystal resonator is 24 MHz.
The mmWave radio functional block generates and receives radar pulses and includes transmitter
(TX), receiver (RX) and interfaces toward the integrated antennas. The A121 operates in the 57-64
GHz band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com