Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 16 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 16 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
© 2022 Copyright by Acconeer
2022-09-22
Page 16 of 24
Bill of Material (BoM)
Table 7.1 shows BOM for integration of the A121 using a crystal as input clock source:
Component
Value
Description
C1, C2, C3, C4
1 µF
Decoupling for VRX, VTX, VDIG and VIO. C4 is optional if
tied to VDIG for 1.8 V supply.
X1
24 MHz
Crystal resonator
C5, C6
See Ch. 7.1
XTAL frequency tuning capacitors
Table 7.1. BOM list.
7.1 XTAL
The A121 sensor has a built-in crystal oscillator that requires an external crystal component (XTAL)
that is shown in Figure 7.3.
C5
C6
GND
GND
GND
XOUT
XIN
XTAL
I/O
GND
I/O
GND
Figure 7.3. External XTAL schematics.
To enable the internal XTAL oscillator to drive the external resonator, Equation 1 must be fulfilled.
������ ∗ ������������������������
0.8 ∗ ������
������������������
0.61 < 0.7
(Equation 1)
������ = 2(������������ − ������������������������������������)
(Equation 2)
������������������������ = ������ + ������������������������������������ ∗ 2
(Equation 3)
The capacitance values are calculated in Equation 2. CL and RESR are XTAL parameters and vary from
XTAL to XTAL. The stray capacitance is the sum of the capacitance between XIN and XOUT, that is,
the PCB trace capacitance plus package capacitance; 2 to 5 pF is a general estimation.
Example:
• f = 24 MHz
• C
L = 9 pF
• R
ESR = 40 ohm
Assuming Cstray = 5 pF gives C4, C5 = 8 pF and that the condition is met with the result 0.3 < 0.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com