Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 22 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 22 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB A121-001-R Datasheet HTML 21Page - Acconeer AB A121-001-R Datasheet HTML 22Page - Acconeer AB A121-001-R Datasheet HTML 23Page - Acconeer AB A121-001-R Datasheet HTML 24Page - Acconeer AB  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
© 2022 Copyright by Acconeer
2022-09-22
Page 22 of 24
Figure 9.4. Physical layout of the A121 sensor, bottom view.
The bottom view shows 50 solder balls. The pitch of the BGA balls is 500 µm, the ball diameter is 300
µm ±5 µm and the collapsed ball height is 0.244 ± 0.050 mm.
9.1 Moisture Sensitivity Level and Recommended Reflow Profile
Acconeer A121 sensor is a Moisture Sensitive Devices (MSD) in accordance to the IPC/JEDEC
specification. The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions
required. A121 sensor is rated at MSL level 3.
Maximum number of reflow passes recommended for A121 is 2.
Soldering process qualified during qualification with “Preconditioning MSL 3: 30°C. 60%r.h., 192h,
according to JEDEC JSTD20”, and qualified for soldering heat resistance according to JEDEC J-STD-
020.
9.2 RoHS and REACH Statement
Acconeer A121 sensor meet the requirements of Directive 2011/65/EC of the European Parliament
and of the Council on the Restriction of Hazardous Substances (RoHS) and the requirements of the
REACH regulation (EC 1907/2006) on Registration, Evaluation, Authorization and Restriction of
Chemicals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com