Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 13 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 13 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 9Page - Acconeer AB A121-001-R Datasheet HTML 10Page - Acconeer AB A121-001-R Datasheet HTML 11Page - Acconeer AB A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
Page 13 of 24
2022-09-22
© 2022 Copyright by Acconeer
Parameter
Min.
Typ.
Max.
Unit
Clock frequency (1)
50
MHz
SS setup time
1.0
ns
SS hold time
2.0
ns
MOSI setup time
1.0
ns
MOSI hold time
2.5
ns
MISO propagation delay (2)
5.5
ns
Table 5.1. SPI timing characteristics.
(1) 10pF load on SPI_MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com