Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 14 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 14 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 10Page - Acconeer AB A121-001-R Datasheet HTML 11Page - Acconeer AB A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
© 2022 Copyright by Acconeer
2022-09-22
Page 14 of 24
6
RF Characteristics
6.1 Radar Loop Gain Pattern
Characterization pending.
6.2 Relative Phase Accuracy
Conditions: TA = 25 ºC, VDD = 1.8 V. Statistical result based on sweep count 100, 20 tested devices.
Standard deviation of phase estimation, measured at a distance of 0.35 m. Object metal cylinder, 40
mm in diameter.
Average STD of relative phase estimation:
Characterization pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com