Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 19 Page - Acconeer AB

Part # A121-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 19 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB A121-001-R Datasheet HTML 21Page - Acconeer AB A121-001-R Datasheet HTML 22Page - Acconeer AB A121-001-R Datasheet HTML 23Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
A121 Pulsed Coherent Radar (PCR)
Preliminary Datasheet v0.3
Page 19 of 24
2022-09-22
© 2022 Copyright by Acconeer
8 Software
The Acconeer software has been written in C and is portable to any OS and HW platform. The
Acconeer software is executed on Host MCU and delivered as binaries, except for integration software
that is delivered as source code.
The below figure shows the A121 software offer.
Figure 8.1. Acconeer Software offer.
The RSS (Radar System Software) provides output at two different levels, Service and Detector. RSS
provides an API (Application Programming Interface) for Application utilization of various Services
and Detectors.
The SparseIQ service output is pre-processed sensor data as a function of IQ modulated data
(representation in cartesian) etc.
Detectors are built on SparseIQ Service data as input and the output is a result, e.g. Distance detector
that presents distance and amplitude result based on envelope Service etc.
Customer can either use Acconeer detector or develop their own signal processing based on SparseIQ
Service data.
Acconeer provides several example applications to support customer own application development.
Also, customer guidelines are provided for application development utilizing the Acconeer RSS API.
Acconeer provides several reference drivers as source code, e.g. Support for Cortex M4, Cortex M7
MCU’s.
8.1 Software Integration
Integration software shall implement functions defined in a definitions file provided in Acconeer
Software offer. This includes handling of SPI, ENABLE, INTERRUPT and CTRL, as well as
potential OS functions.
See reference HAL - User Guide for guideline on software integration and HAL implementation
(https://www.acconeer.com/products).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com