Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF412 Datasheet (PDF) - ON Semiconductor

TF412 Datasheet PDF - ON Semiconductor
Part # TF412
Download  TF412 Download
File Size   296.56 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFT 30V, 1.2 to 3.0mA, 5.0mS, SOT-883

TF412 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF412 Datasheet PDF - ON Semiconductor

Part # TF412
Download  TF412 Click to download

File Size   296.56 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFT 30V, 1.2 to 3.0mA, 5.0mS, SOT-883

TF412 Datasheet (HTML) - ON Semiconductor


TF412 Product details

Features
 Small IGSS : max 1.0nA (VGS= 20V, VDS=0V)
 Small Ciss : typ 4pF (VDS=10V, VGS=0V, f=1MHz)
 Ultrasmall package facilitates miniaturization in end products
 Halogen free compliance

Applications
 Low-Frequency general-purpose amplifier,
impedance conversion, infrared sensor applications




Similar Part No. - TF412

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TF4126 VBSEMI-TF4126 Datasheet
1Mb / 7P
N-Channel 100-V (D-S) MOSFET
logo
ON Semiconductor
TF412S ONSEMI-TF412S Datasheet
130Kb / 4P
N-Channel JFET
April, 2014
TF412ST5G ONSEMI-TF412ST5G Datasheet
130Kb / 4P
N-Channel JFET
April, 2014
More results


Similar Description - TF412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
logo
Shanghai Leiditech Elec...
LMW8726 LEIDITECH-LMW8726 Datasheet
908Kb / 4P
N-channel 30V, 86A, TO-252 Power MOSFET
LMAK86N03 LEIDITECH-LMAK86N03 Datasheet
917Kb / 4P
N-channel 30V, 86A, TO-252 Power MOSFET
logo
ON Semiconductor
TF414 ONSEMI-TF414 Datasheet
287Kb / 3P
N-Channel JFET 40V, 50 to 130A, 0.11mS, SOT-883
January, 2014
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com