Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF414 Datasheet (PDF) - ON Semiconductor

TF414 Datasheet PDF - ON Semiconductor
Part # TF414
Download  TF414 Download
File Size   287.78 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET 40V, 50 to 130A, 0.11mS, SOT-883

TF414 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF414 Datasheet PDF - ON Semiconductor

Part # TF414
Download  TF414 Click to download

File Size   287.78 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET 40V, 50 to 130A, 0.11mS, SOT-883

TF414 Datasheet (HTML) - ON Semiconductor


TF414 Product details

Features
 Small IGSS : max 500pA (VGS= 20V, VDS=0V)
 Small Ciss : typ 0.7pF (VDS=10V, VGS=0V, f=1MHz)
 Ultrasmall package facilitates miniaturization in end products
 Halogen free compliance

Applications
 Impedance conversion, infrared sensor applications




Similar Part No. - TF414

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF414 ALLEN-BRADLEY-TF414 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Similar Description - TF414

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
logo
ON Semiconductor
TF410-TL-H ONSEMI-TF410-TL-H Datasheet
308Kb / 6P
N-Channel JFET 40V, 50 to 130A, 0.11mS, USFP
logo
KIA Semiconductor Techn...
2906A KIA-2906A Datasheet
488Kb / 6P
130A竊?0V N-CHANNEL MOSFET
2910N KIA-2910N Datasheet
286Kb / 6P
130A竊?00V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
logo
ON Semiconductor
TF412 ONSEMI-TF412 Datasheet
296Kb / 3P
N-Channel JFT 30V, 1.2 to 3.0mA, 5.0mS, SOT-883
December, 2013
logo
Rohm
RX3G07BBG ROHM-RX3G07BBG Datasheet
2Mb / 13P
Nch 40V 130A Power MOSFET
20221212 - Rev.002
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com