Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1353 Datasheet (PDF) - Toshiba Semiconductor

2SD1353 Datasheet PDF - Toshiba Semiconductor
Part # 2SD1353
Download  2SD1353 Download
File Size   177.18 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.

2SD1353 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1353 Datasheet PDF - Toshiba Semiconductor

Part # 2SD1353
Download  2SD1353 Click to download

File Size   177.18 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.

2SD1353 Datasheet (HTML) - Toshiba Semiconductor


2SD1353 Product details

FEATURES:
-High DC Current Gain of 200 to 1200 at VCE-5V, IC=0.5A
-Low VCE(sat) of 1.0V (Max.) at IC 1A, IB-0.02A
-Collector Power Dissipation of 30W at Tc=25°C




Similar Part No. - 2SD1353

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1350 PANASONIC-2SD1350 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type
2SD1350A PANASONIC-2SD1350A Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type
logo
Inchange Semiconductor ...
2SD1351 ISC-2SD1351 Datasheet
64Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1351 SAVANTIC-2SD1351 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
2SD1351 THINKISEMI-2SD1351 Datasheet
558Kb / 1P
NPN Complementary Silicon Power Transistors
More results


Similar Description - 2SD1353

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SD1406 TOSHIBA-2SD1406 Datasheet
257Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
Audio-Frequency Power Amplifier Applications
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com