Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2012FM Datasheet (PDF) - Toshiba Semiconductor

2SD2012FM Datasheet PDF - Toshiba Semiconductor
Part # 2SD2012FM
Download  2SD2012FM Download
File Size   133.1 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Power Amplifier Applications

2SD2012FM Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2012FM Datasheet PDF - Toshiba Semiconductor

Part # 2SD2012FM
Download  2SD2012FM Click to download

File Size   133.1 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Power Amplifier Applications

2SD2012FM Datasheet (HTML) - Toshiba Semiconductor


2SD2012FM Product details

Audio Frequency Power Amplifier Applications



• Low saturation voltage: VCE (sat)= 0.4 V (typ.) (IC= 2A / IB= 0.2A)

• High power dissipation: PC= 25 W (Tc = 25°C)

 






Similar Part No. - 2SD2012FM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012 Datasheet
165Kb / 3P
NPN TRIPLE DIFFUSED TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
STMicroelectronics
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
228Kb / 5P
NPN SILICON POWER TRANSISTOR
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
127Kb / 5P
NPN SILICON POWER TRANSISTOR
Oct-2003
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012 Datasheet
131Kb / 5P
Silicon NPN Triple Diffused Type
2SD2012 TOSHIBA-2SD2012 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
More results


Similar Description - 2SD2012FM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SD1406 TOSHIBA-2SD1406 Datasheet
257Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
Audio-Frequency Power Amplifier Applications
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com