Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2012FM Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD2012FM
Description  Audio Frequency Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2012FM Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD2012FM Datasheet HTML 1Page - Toshiba Semiconductor 2SD2012FM Datasheet HTML 2Page - Toshiba Semiconductor 2SD2012FM Datasheet HTML 3Page - Toshiba Semiconductor 2SD2012FM Datasheet HTML 4Page - Toshiba Semiconductor 2SD2012FM Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2012
2009-12-01
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
1000
0.01
10
30
50
100
300
500
0.03 0.05
0.1
0.3 0.5
1
3
Common emitter
VCE = 5 V
−25
Tc = 100°C
25
−25
1
0.01
0.01
0.1
0.3
0.5
0.03
0.05
0.03 0.05
0.1
0.3 0.5
1
3
5
Common emitter
IC/IB = 10
Tc = 100°C
25
3.0
0
0
2.5
2.0
1.5
1.0
0.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Common emitter
VCE = 5 V
−25
Tc = 100°C
25
3.0
0
0
Common emitter
Tc = 25°C
2.5
2.0
1.5
1.0
0.5
1
2
3
4
5
6
7
80
70
60
50
40
30
20
100
90
IB = 10 mA
Ambient temperature Ta (°C)
PC – Ta
30
0
0
25
20
15
10
5
25
50
75
100
125
150
175
(1) Ta = Tc Infinite heat sink
(2) No heat sink
(1)
(2)
Collector-emitter voltage VCE (V)
Safe Operating Area
10
1
0.1
0.3
0.5
1
3
5
3
5
10
30
50
100
300
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
IC max (continuous)
DC operation
Tc = 25°C
100 ms*
10 ms*
1 ms*
VCEO max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com