Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2012 Datasheet (PDF) - Toshiba Semiconductor

2SD2012 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2012
Download  2SD2012 Download
File Size   165.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)

2SD2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2012 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2012
Download  2SD2012 Click to download

File Size   165.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)

2SD2012 Datasheet (HTML) - Toshiba Semiconductor


2SD2012 Product details

Audio Frequency Power Amplifier Applications



• Low saturation voltage: VCE (sat)= 0.4 V (typ.) (IC= 2A / IB= 0.2A)

• High power dissipation: PC= 25 W (Tc = 25°C)

 






Similar Part No. - 2SD2012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
228Kb / 5P
NPN SILICON POWER TRANSISTOR
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
127Kb / 5P
NPN SILICON POWER TRANSISTOR
Oct-2003
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012 Datasheet
131Kb / 5P
Silicon NPN Triple Diffused Type
2SD2012 TOSHIBA-2SD2012 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
logo
Inchange Semiconductor ...
2SD2012 ISC-2SD2012 Datasheet
83Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SD2012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4688 TOSHIBA-2SC4688 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5196 TOSHIBA-2SC5196 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5197 TOSHIBA-2SC5197 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD1221 TOSHIBA-2SD1221 Datasheet
148Kb / 3P
NPN TRIPLE DIFFUSED TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SD2155 TOSHIBA-2SD2155 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2352 TOSHIBA-2SD2352 Datasheet
182Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2353 TOSHIBA-2SD2353 Datasheet
181Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2385 TOSHIBA-2SD2385 Datasheet
139Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD526 TOSHIBA-2SD526 Datasheet
166Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com