Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD526 Datasheet (PDF) - Toshiba Semiconductor

2SD526 Datasheet PDF - Toshiba Semiconductor
Part # 2SD526
Download  2SD526 Download
File Size   166.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)

2SD526 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD526 Datasheet PDF - Toshiba Semiconductor

Part # 2SD526
Download  2SD526 Click to download

File Size   166.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)

2SD526 Datasheet (HTML) - Toshiba Semiconductor


2SD526 Product details

POWER AMPLIFIER APPLICATIONS

• High Power Dissipation : PC=30W (Tc=25°C)
• Good Linearity of hFE.
• Complementary to 2SB596.
• Recommend for 20~25W High Fidelity Audio Frequency Amplifier Output Stage.




Similar Part No. - 2SD526

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD526 MOSPEC-2SD526 Datasheet
118Kb / 3P
POWER TRANSISTORS(4A,80V,30W)
logo
Wing Shing Computer Com...
2SD526 WINGS-2SD526 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Savantic, Inc.
2SD526 SAVANTIC-2SD526 Datasheet
139Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD526 ISC-2SD526 Datasheet
180Kb / 4P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
2SD526 ETC1-2SD526 Datasheet
192Kb / 3P
TRANSISTOR
More results


Similar Description - 2SD526

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4688 TOSHIBA-2SC4688 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5196 TOSHIBA-2SC5196 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5197 TOSHIBA-2SC5197 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2155 TOSHIBA-2SD2155 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2352 TOSHIBA-2SD2352 Datasheet
182Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2353 TOSHIBA-2SD2353 Datasheet
181Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2385 TOSHIBA-2SD2385 Datasheet
139Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2406 TOSHIBA-2SD2406 Datasheet
137Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2462 TOSHIBA-2SD2462 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com